Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 96 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 92Page - STMicroelectronics STA400A Datasheet HTML 93Page - STMicroelectronics STA400A Datasheet HTML 94Page - STMicroelectronics STA400A Datasheet HTML 95Page - STMicroelectronics STA400A Datasheet HTML 96Page - STMicroelectronics STA400A Datasheet HTML 97Page - STMicroelectronics STA400A Datasheet HTML 98Page - STMicroelectronics STA400A Datasheet HTML 99Page - STMicroelectronics STA400A Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 117 page
background image
STA400A
96/117
b4:
Terrestrial Demodulator lock indicator
0 = locked
1 = unlocked
b3:
Satellite #2 lock indicator
0 = locked
1 = unlocked
b2:
Satellite #1 lock indicator
0 = locked
1 = unlocked
b1:
FEC terrestrial-satellite combining decision for RS block #2
0 = satellite;
1 = terrestrial;
b0:
FEC terrestrial-satellite combining decision for RS block #1
0 = satellite;
1 = terrestrial;
2.7 PC Bitstream Interface
PCDC_CONF_0
- Clock Configuration for PC Interface #0
b6-b2:
PCDC_DIVVALUE_0 Master clock divider. The master clock is divided by (PCDC_DIVVALUE_0+1)*2.
b1:
PCDC_NEG_0
1=PCDC0 is inverted.
b0:
PCDC_RUNFREE_0 0=Clock running only when data is sent out; 1=Clock always running.
PCDC_CONF_1
- Clock Configuration for PC Interface #1
b6-b2:
PCDC_DIVVALUE_1 Master clock divider. The master clock is divided by (PCDC_DIVVALUE_1+1)*2.
b1:
PCDC_NEG_11=PCDC0 is inverted.
b0:
PCDC_RUNFREE_10=Clock running only when data is sent out; 1=Clock
always running.
PCSD_CONF_0
- Data Configuration for PC Interface #0
b5-b4:
PCSD_FFLAGMODE_0
00=Frame flag bit is always set to ‘0’;
01=Frame flag bit is set to ‘1’ only for the first byte of TSCC1;
10=Frame flag bit is set to ‘1’ for the first byte of all PRCs;
Type:
SingleByte - R/W
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PCDC_CONF_0
0500
6-0
00
Type:
SingleByte - R/W
Word Length:
7
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PCDC_CONF_1
0501
6-0
00
Type:
SingleByte - R/W
Word Length:
6
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PCSD_CONF_0
0502
5-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com