Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 99 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 95Page - STMicroelectronics STA400A Datasheet HTML 96Page - STMicroelectronics STA400A Datasheet HTML 97Page - STMicroelectronics STA400A Datasheet HTML 98Page - STMicroelectronics STA400A Datasheet HTML 99Page - STMicroelectronics STA400A Datasheet HTML 100Page - STMicroelectronics STA400A Datasheet HTML 101Page - STMicroelectronics STA400A Datasheet HTML 102Page - STMicroelectronics STA400A Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 117 page
background image
99/117
STA400A
2.8 TDM (Section 2)
DeltaRefCyc_M - Delta Reference Cycles for MCM Frame Sync
Given in samples and per MCM-frame.
Format: siii,fffffffff with s=sign; i=integer part; f=fractional part
MfpSyncMax_S1 - Sat1 MFP Sync Rightmost Distance
Sets the rightmost distance of sat1 MFP sync to the point, when the frame is read. The initial value corresponds
to a time of 12ms.
MfpSyncMin_S1 - Sat1 MFP Sync Leftmost Distance
Sets the leftmost distance of sat1 MFP sync to the point, when the frame is read. The initial value corresponds
to a time of 8ms.
MfpSyncMax_S2 - Sat2 MFP Sync Rightmost Distance
Sets the rightmost distance of sat1 MFP sync to the point, when the frame is read. The initial value corresponds
to a time of 12ms.
MfpSyncMin_S2 - Sat2 MFP Sync Leftmost Distance
Sets the leftmost distance of sat1 MFP sync to the point, when the frame is read. The initial value corresponds
to a time of 8ms.
Type:
MultiBytes - R
Word Length:
13
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
DeltaRefCyc2_M
0611
12-8
--
DeltaRefCyc1_M
0610
7-0
--
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpSyncMax_S1
0620
7-0
46
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpSyncMin_S1
0621
7-0
2F
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpSyncMax_S2
0622
7-0
46
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MfpSyncMin_S2
0623
7-0
2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com