Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 101 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 97Page - STMicroelectronics STA400A Datasheet HTML 98Page - STMicroelectronics STA400A Datasheet HTML 99Page - STMicroelectronics STA400A Datasheet HTML 100Page - STMicroelectronics STA400A Datasheet HTML 101Page - STMicroelectronics STA400A Datasheet HTML 102Page - STMicroelectronics STA400A Datasheet HTML 103Page - STMicroelectronics STA400A Datasheet HTML 104Page - STMicroelectronics STA400A Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 117 page
background image
101/117
STA400A
b1-b0:
00= No Error
10= Unused
01= Memory error, 1st test sequence
11= Memory error, 2nd test sequence
XmemStErrAdr - External Memory Management Self-Test Error Address
TDM external memory error address. Only one error address will be stored.
b23-b12:
Row Address
b11-b9:
Memory Bank Number
b8-b0:
Column Address
UdCycDelta_T - MFP Cycle Number Up-Down Delta
Sets the number of system clock cycles the MFP cycle number is shortened or extended if tdm_rd_sync is not
at the allowed position. This register influences delta_ref_cyc.
Cnt_Prio - MFP Cycles Time Interval Setting
Sets the time interval in MFP cycles the priority is decremented
UdCycles - MFP Cycle Number Adjustment
Sets the number of system clock cycles the MFP cycle number is shortened or extended if tdm_rd_sync is not
at the allowed position. This directly influences the jitter of the MFP clock.
Type:
MultiBytes - R
Word Length:
24
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
XmemStErrAdr3
0638
23-9
--
XmemStErrAdr2
0637
15-8
--
XmemStErrAdr1
0636
7-0
--
Type:
MultiBytes - R/W
Word Length:
11
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
UdCycDelta2_T
0641
10-8
00
UdCycDelta1_T
0640
7-0
00
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cnt_Prio
0642
7-0
80
Type:
MultiBytes - R/W
Word Length:
11
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
UdCycles2
0644
10-8
00
UdCycles1
0643
7-0
9C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com