Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 81 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 77Page - STMicroelectronics STA400A Datasheet HTML 78Page - STMicroelectronics STA400A Datasheet HTML 79Page - STMicroelectronics STA400A Datasheet HTML 80Page - STMicroelectronics STA400A Datasheet HTML 81Page - STMicroelectronics STA400A Datasheet HTML 82Page - STMicroelectronics STA400A Datasheet HTML 83Page - STMicroelectronics STA400A Datasheet HTML 84Page - STMicroelectronics STA400A Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 117 page
background image
81/117
STA400A
TpmFspPosSlip_S2 - Sat2 TDM Preamble Monitor FSP Position Slip
TpmFspTdmPhase_S2 - Sat2 TDM Preamble Monitor FSP Phase
Phase of the TDM soft-symbol stream basing the result on the lastest FSP correlation.
b1-b0 : 00= 0°
10= 90°
01= 270°
11= 180°
TpmPrDetect_S2 - Sat2 TDM Preamble Monitor Preamble Detection
Preamble detection based on the result of the latest preamble correlation.
TpmFspCySlipCnt_S2 - Sat2 TDM Preamble Monitor FSP Cycle Slip Counter
Cycle slip counter based on FSP evaluation whilst FSP detected for the latest TDM frame.
TpmFspPoSlipCnt_S2 - Sat2 TDM Preamble Monitor FSP Position Slip Counter
FSP position slip counter based on the distorsion of the detected FSPs to their expected position with respect
to the lastest detected MFP.
Type:
MultiBytes - R
Word Length:
12
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmFspPosSlip2_S2
02A7
11-8
--
TpmFspPosSlip1_S2
02A6
7-0
--
Type:
SingleByte - R
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmFspTdmPhase_S2
02A8
1-0
--
Type:
SingleByte - R
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmPrDetect_S2
02A9
1-0
--
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmFspCySlipCnt_S2
02AA
7-0
--
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TpmFspPoSlipCnt_S2
02AB
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com