Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 44 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 40Page - STMicroelectronics STA400A Datasheet HTML 41Page - STMicroelectronics STA400A Datasheet HTML 42Page - STMicroelectronics STA400A Datasheet HTML 43Page - STMicroelectronics STA400A Datasheet HTML 44Page - STMicroelectronics STA400A Datasheet HTML 45Page - STMicroelectronics STA400A Datasheet HTML 46Page - STMicroelectronics STA400A Datasheet HTML 47Page - STMicroelectronics STA400A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 117 page
background image
STA400A
44/117
ALFACAR
- Carrier Loop Filter Alpha Parameter
This register sets the proportional gain of the carrier loop. It must be loaded with a positive integer number from
0x00 to 0xFF (0 to 255 decimal).
b7-b0:
ALPHA
Positive integer, range 0 to 255 decimal.
BETACAR
- Carrier Loop Filter Beta Parameter
This register sets the integral gain of the carrier loop. The representation of the number is mantissa-exponent
(base 2): beta = beta_m x 2(beta_e)
b7-b5:
BETA_E
Exponent of the number. Positive integer, range 0 to 7 decimal.
b4-b0:
BETA_M
Mantissa of the number. Positive integer, range 0 to 31 decimal.
ALFATIM
- Timing Loop Filter Alpha Parameter
This register sets the proportional gain of the timing loop. It must be loaded with a positive integer number from
0x00 to 0xFF (0 to 255 decimal).
b7-b0:
ALPHA
Positive integer, range 0 to 255 decimal.
BETATIM
- Timing Loop Filter Beta Parameter
This register sets the integral gain of the timing loop. The representation of the number is mantissa-exponent
(base 2): beta = beta_m x 2(beta_e)
b7-b5:
BETA_E
Exponent of the number. Positive integer, range 0 to 7 decimal.
b4-b0:
BETA_M
Mantissa of the number. Positive integer, range 0 to 31 decimal.
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
ALFACAR
S1/S2
0064/008A
7-0
17
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
BETACAR
S1/S2
0065/008B
7-0
15
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
ALFATIM
S1/S2
0066/008C
7-0
07
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
BETATIM
S1/S2
0067/008D
7-0
0E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com