Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 91 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 87Page - STMicroelectronics STA400A Datasheet HTML 88Page - STMicroelectronics STA400A Datasheet HTML 89Page - STMicroelectronics STA400A Datasheet HTML 90Page - STMicroelectronics STA400A Datasheet HTML 91Page - STMicroelectronics STA400A Datasheet HTML 92Page - STMicroelectronics STA400A Datasheet HTML 93Page - STMicroelectronics STA400A Datasheet HTML 94Page - STMicroelectronics STA400A Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 117 page
background image
91/117
STA400A
2.6 IF Sampling and Control Interface
AGC_CTRL1
- AGC Control Register #1
This register controls Terrestrial and satellite AGC loop gain and the sense of the TAGC and SAGC control pins.
b7:
TAGCCHS
Terrestrial AGC Loop Change Sign
b6-b4:
TAGCBETA(2:0)
Terrestrial AGC Loop Gain.
b3:
SAGCCHS
Satellite AGC Loop Change Sign
b2-b0:
SAGCBETA(2:0)
Satellite AGC Loop Gain.
SAGCREF
- Satellite AGC Reference Level
This register is 13 bits long and is divided into two bytes. The LSB byte is named SAGCREF0, the MSB byte is
named SAGCREF1. It sets the signal level at the Satellite ADC input.
SAGCINTG
- Satellite AGC Integrator
This register is connected to the 8MSB of the internal integrator of the satellite AGC loop. It gives an image of
the power level at the satellite analog input. The register format is two’s complement.
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
AGC_CTRL1
0400
7-0
88
TAGCBETA and SAGCBETA Gain Table:
TAGCBETA/
SAGCBETA
Loop Gain
000
2**0 = 1
001
2**1 = 2
010
2**2 = 3
011
2**3 = 4
100
2**4 = 16
101
2**5 = 32
110
2**6 = 64
111
Open Loop
Type:
MultiBytes - R/W
Word Length:
13
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
SAGCREF1
0402
12-8
01
SAGCREF0
0401
7-0
90
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
SAGCINTG
0403
7-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com