Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 16Page - STMicroelectronics STA400A Datasheet HTML 17Page - STMicroelectronics STA400A Datasheet HTML 18Page - STMicroelectronics STA400A Datasheet HTML 19Page - STMicroelectronics STA400A Datasheet HTML 20Page - STMicroelectronics STA400A Datasheet HTML 21Page - STMicroelectronics STA400A Datasheet HTML 22Page - STMicroelectronics STA400A Datasheet HTML 23Page - STMicroelectronics STA400A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 117 page
background image
STA400A
20/117
Figure 12. TimingCtrl FSM Flow Diagram
Timing Loop Equations
The timing recovery is fully digital and comprises two blocks working at symbol rate: the Timing Error Detector
and the Loop Filter and two blocks working at clock rate: the Timing NCO and the Nyquist/Interpolator filters
(see fig.6).
The loop is parametrised by the coefficients alpha and beta given in the registers ALFATIM and BETATIM re-
spectively. The timing loop is a second order loop whose natural frequency fn and damping factor ξ may be cal-
culated by the following formulas:
where alpha is set in the ALFATIM register and beta in the BETATIM register, Kd is the TED gain as shown in
fig.11 and m is the reference level of the AGC2 loop (see AGC2REF register).
For example, to set the loop natural frequency to 126Hz with the default value for m=AGC2REF (90dec, 5Ahex)
and Kd = 0.56 (noise free value), the above equation solved for beta gives:
alpha can be chosen to have a damping factor equal to 0.7:
The register ALFACAR can be programmed with 5 (Dec) and the register BETACAR can be programmed with
the parameter BETA_E=0 and BETA_M=14 (Dec).
demodulator
unlocked (LOCK=1)
demodulator locked
(LOCK=0)
demodulator unlocked for a time less than
a fixed value (TIMINTG_CLR_WIN)
demodulator
unlocked
demodulator unlocked for a time equal to a fixed
value (TIMINTG_CLR_WIN)
Reset Time Counter
Clear Releasing in the Time Loop
Filter Integrator
Time Counter Active
Time Counter Reset
Time Loop Filter Integrator Cleared
demodulator locked (LOCK=0)
or
TIMING_CLR_EN=0
f
n
4.76 m K
d bet a
[Hz]
ζ
0.075 alpha
mK
d
beta
-------------
==
be ta
f
n
2
22.6576m K
d
----------------------------------
13.90
==
al pha
ζ
0.075
--------------- be ta
mK
d
-------------
4.9
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com