Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 48 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 44Page - STMicroelectronics STA400A Datasheet HTML 45Page - STMicroelectronics STA400A Datasheet HTML 46Page - STMicroelectronics STA400A Datasheet HTML 47Page - STMicroelectronics STA400A Datasheet HTML 48Page - STMicroelectronics STA400A Datasheet HTML 49Page - STMicroelectronics STA400A Datasheet HTML 50Page - STMicroelectronics STA400A Datasheet HTML 51Page - STMicroelectronics STA400A Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 117 page
background image
STA400A
48/117
b3:RFU
b2-b0:
TIMLPF_LENGTH
000 -> Timing Integrator bit length =8100 -> Timing Integrator bit length =14
001 -> Timing Integrator bit length =9101 -> Timing Integrator bit length =16
010 -> Timing Integrator bit length =10110 -> Timing Integrator bit length =18
011 -> Timing Integrator bit length =12111 -> Timing Integrator bit length =20
LOCKTHR - Lock Detector Threshold
This register sets the threshold for the lock detector block.
b1-b0:
LOCKTHR
00 -> Threshold = 32 dec
01 -> Threshold = 64 dec
10 -> Threshold = 80 dec
11 -> Threshold = 96 dec
2.3 Terrestrial Demodulator (Section 1)
Enable_M
- MCM Demodulator Enable Register
MCM Submodules Enable Signals. Enable active on ‘1’.
b7:
mrm_ff_demod_en
enable of Fine Frequency submodule
b6:
mrm_fc_demod_en
enable of Frequency Control submodule
b5:
mrm_cf_demod_en
enable of Coarse Frequency submodule
b4:
mrm_ss_demod_en
enable of Symbol Synchronization submodule
b3:
mrm_fs_demod_en
enable of Frame Synchronization submodule
b2:
mrm_pp_demod_en
enable of Pre Processing submodule
b1:
mrm_fft_demod_en
enable of FFT submodule
b0:
mrm_iqg_demod_en
enable of I/Q Generation submodule
Status_M
- MCM Demodulator Status Register
Status information of mcm submodule
Type:
SingleByte - R/W
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
LOCKTHR
S1/S2
0077
1-0
02
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Enable_M
0100
7-0
FF
Type:
MultiBytes - R
Word Length:
10
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
STATUS2_M
0102
9-8
--
STATUS1_M
0101
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com