| Electronic Components Datasheet Search |
|
STA400A Datasheet(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA400A Datasheet(HTML) 97 Page - STMicroelectronics |
|
97 / 117 page ![]() 97/117 STA400A 11=Frame flag bit is set to ‘1’ for the first byte of all PRCs. b3: PCSD_FRAMEFLAG_0 1=Frame flag bit is appended to each data byte b2: PCSD_ODDPARITY_0 0=Even parity bit is generated; 1=Odd parity bit is generated. b1: PCSD_ADDPARITY_0 1=Parity bit is appended to each data. b0: PCSD_LSBFIRST_0 0=Parallel data sent out MSB first; 1=Parallel data sent out LSB first. PCSD_CONF_1 - Data Configuration for PC interface #1 b5-b4: PCSD_FFLAGMODE_1 00=Frame flag bit is always set to ‘0’; 01=Frame flag bit is set to ‘1’ only for the first byte of TSCC1; 10=Frame flag bit is set to ‘1’ for the first byte of all PRCs; 11=Frame flag bit is set to ‘1’ for the first byte of all PRCs. b3: PCSD_FRAMEFLAG_1 1=Frame flag bit is appended to each data byte. b2: PCSD_ODDPARITY_1 0=Even parity bit is generated; 1=Odd parity bit is generated. b1: PCSD_ADDPARITY_1 1=Parity bit is appended to each data. b0: PCSD_LSBFIRST_1 0=Parallel data sent out MSB first; 1=Parallel data sent out LSB first. PCSYNC_CONF - Synchronization Signals Configuration for both Interfaces b7: PCTS_EF_SWITCH_1 0=PCTS_EF1 pin send out the TDM frame synchronization. 1=PCTS_EF1 pin send out the PC Interface output error flag. b6: PCTS_SYNCH_1 0=PCTS1 set to ‘1’ with first bit of TSCC1 1=PCTS1 set to ‘1’ one PCDC cycle before the first bit of TSCC. b5: PCFS_SYNCH_1 0=PCFS1 set to ‘1’ with first bit of each PRC. 1=PCFS1 set to ‘1’ one PCDC cycle before the first bit of PRC. b4: PCBS_SYNCH_1 0=PCBS1 set to ‘1’ with the first bit of each byte. 1=PCBS1 set to ‘1’ one PCDC cycle before the first bit of byte. b3: PCTS_EF_SWITCH_0 0=PCTS_EF0 pin send out the TDM frame synchronization. 1=PCTS_EF0 pin send out the PC Interface output error flag. b2: PCTS_SYNCH_0 0=PCTS0 set to ‘1’ with first bit of TSCC1 1=PCTS0 set to ‘1’ one PCDC cycle before the first bit of TSCC. b1: PCFS_SYNCH_0 0=PCFS0 set to ‘1’ with first bit of each PRC. Type: SingleByte - R/W Word Length: 6 Byte Name Address (Hex) Bit Map Reset Value (Hex) PCSD_CONF_1 0503 5-0 00 Type: SingleByte - R/W Word Length: 7 Byte Name Address (Hex) Bit Map Reset Value (Hex) PCSYNC_CONF 0504 7-0 77 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |