Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA400A Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 38Page - STMicroelectronics STA400A Datasheet HTML 39Page - STMicroelectronics STA400A Datasheet HTML 40Page - STMicroelectronics STA400A Datasheet HTML 41Page - STMicroelectronics STA400A Datasheet HTML 42Page - STMicroelectronics STA400A Datasheet HTML 43Page - STMicroelectronics STA400A Datasheet HTML 44Page - STMicroelectronics STA400A Datasheet HTML 45Page - STMicroelectronics STA400A Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 117 page
background image
STA400A
42/117
2.2 QPSK Demodulator (S1-Early/S2-Late)
The two QPSK demodulators (S1-Early and S2-Late) have the same register set so they have been listed below
once. The registers have different addresses and the same reset value except for the IFFREQ register.
QPSK_DEMOD_EN - QPSK Demodulator Enable Register
This register disables the QPSK demodulator when bit-0 is set to '0'. When disabled the demodulator output is
fixed to '0x00' or to '0x80' depending on the bit-4 setting of the QPSK_CTRL register (address 0x005A/0x0080)
b7-b1:
Not Used
b0:
DEM_EN
0=Demodulator disabled; 1=Demodulator enabled.
QPSK_CTRL - QPSK Demodulator Control Register
This is a control register for the QPSK demodulator.
b7:
AVG_OFF
This bit disables the averager filter of the integrators.
0=Averager Filter enabled; 1=Averager Filter disabled.
b6:
NULOFS_EN
This bit enables/disables the NULOFS block.
0=Disabled; 1=Enabled.
b5:
Reserved.
b4:
DEM2TDM_FMT
Output Data Format.
0=Two's complement; 1=Offset binary.
b3:
IQSWAP
This bit swaps the I and Q component of the demodulator output.
0=No Change; 1=Swaps I with Q.
b2:
QCHS
This bit inverts the Q component sign in the I/Q mixer.
0=No invertion; 1=Sign invertion.
b1:
TIMCHS
This bit inverts the timing loop sign.
0=No invertion; 1=Sign invertion.
b0:
CARCHS
This bit inverts the carrier loop sign.
0=No invertion; 1=Sign invertion.
Type:
SingleByte - R/W
Word Length:
1
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
QPSK_DEMOD_EN1
S1/S2
0059/007F
7-0
01
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
QPSK_CTRL
S1/S2
005A/0080
7-0
4F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com