Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 33 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 33 Page - Micronas

Back Button MSP4458 Datasheet HTML 29Page - Micronas MSP4458 Datasheet HTML 30Page - Micronas MSP4458 Datasheet HTML 31Page - Micronas MSP4458 Datasheet HTML 32Page - Micronas MSP4458 Datasheet HTML 33Page - Micronas MSP4458 Datasheet HTML 34Page - Micronas MSP4458 Datasheet HTML 35Page - Micronas MSP4458 Datasheet HTML 36Page - Micronas MSP4458 Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
33
3.3.2.6. Read Registers on I2C Subaddress 13hex
Table 3–12: Read Registers on I2C Subaddress 13hex
Register
Address
Function
Name
QUASI-PEAK DETECTOR READOUT
00 19hex
00 1Ahex
Quasi-Peak Detector Readout Left
Quasi-Peak Detector Readout Right
bit[15:0]
0hex...
values are 16 bit two’s complement (only positive)
7FFFhex
QPEAK_L
QPEAK_R
MSP 44x8G VERSION READOUT Registers
001Ehex
MSP Hardware Version Code
bit[15:8]
01hex
MSP 44x8G-A1
A change in the hardware version code defines hardware optimizations that
may have influence on the chip’s behavior. The readout of this register is identi-
cal to the hardware version code in the chip’s imprint.
MSP_HARD
MSP Family Code
bit[7:4]
1hex
MSP 44x8G-A1
MSP_FAMILY
MSP Major Revision Code
bit[3:0]
7hex
MSP 44x8G-A1
MSP_REVISION
001Fhex
MSP Product Code
bit[15:8]
08hex
MSP 4408G-A1
12hex
MSP 4418G-A1
1Chex
MSP 4428G-A1
30hex
MSP 4448G-A1
3Ahex
MSP 4458G-A1
By means of the MSP-Product Code, the control processor is able to decide
which TV sound standards have to be considered.
MSP_PRODUCT
MSP ROM Version Code
bit[7:0]
41hex
MSP 44x8G-A1
A change in the ROM version code defines internal software optimizations, that
may have influence on the chip’s behavior, e.g. new features may have been
included. While a software change is intended to create no compatibility prob-
lems, customers that want to use the new functions can identify new
MSP 44x8G versions according to this number.
MSP_ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com