Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 70 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 70 Page - Micronas

Back Button MSP4458 Datasheet HTML 66Page - Micronas MSP4458 Datasheet HTML 67Page - Micronas MSP4458 Datasheet HTML 68Page - Micronas MSP4458 Datasheet HTML 69Page - Micronas MSP4458 Datasheet HTML 70Page - Micronas MSP4458 Datasheet HTML 71Page - Micronas MSP4458 Datasheet HTML 72Page - Micronas MSP4458 Datasheet HTML 73Page - Micronas MSP4458 Datasheet HTML 74Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
70
Micronas
5.2. A2-Systems
Table 5–3: Key parameters for A2 Systems of Standards B/G, D/K, and M
Characteristics
Sound Carrier FM1
Sound Carrier FM2
TV-Sound Standard
B/G
D/K
M
B/G
D/K
M
Carrier frequency in MHz
5.5
6.5
4.5
5.7421875
6.2578125
6.7421875
4.724212
Vision/sound power difference
13 dB
20 dB
Sound bandwidth
40 Hz to 15 kHz
Preemphasis
50
µs75 µs50 µs75 µs
Frequency deviation (nom/max)
±27/±50 kHz
±17/±25 kHz
±27/±50 kHz
±15/±25 kHz
Transmission Modes
Mono transmission
mono
mono
Stereo transmission
(L
+R)/2
(L
+R)/2
R
(L
−R)/2
Dual sound transmission
language A
language B
Identification of Transmission Mode
Pilot carrier frequency
54.6875 kHz
55.0699 kHz
Max. deviation portion
±2.5 kHz
Type of modulation / modulation depth
AM / 50%
Modulation frequency
mono: unmodulated
stereo: 117.5 Hz
dual:
274.1 Hz
149.9 Hz
276.0 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com