Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 48 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 48 Page - Micronas

Back Button MSP4458 Datasheet HTML 44Page - Micronas MSP4458 Datasheet HTML 45Page - Micronas MSP4458 Datasheet HTML 46Page - Micronas MSP4458 Datasheet HTML 47Page - Micronas MSP4458 Datasheet HTML 48Page - Micronas MSP4458 Datasheet HTML 49Page - Micronas MSP4458 Datasheet HTML 50Page - Micronas MSP4458 Datasheet HTML 51Page - Micronas MSP4458 Datasheet HTML 52Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
48
Micronas
4.5. Pin Circuits
Pin numbers refer to the PQFP80 package.
Fig. 4–7: Output Pins 6, 8, 9, and 10
(I2S_DA_OUT, ADR_DA, ADR_WS, ADR_CL)
Fig. 4–8: Input/Output Pins 2 and 3
(I2C_CL, I2C_DA)
Fig. 4–9: Input Pins 7, 17, 22, 19, 20, 21, 70, and 80
(I2S_DA_IN1..3, I2S_CL3, I2S_WS3, RESETQ,
TESTEN, STANDBYQ)
Fig. 4–10: Input Pin 79 (ADR_SEL)
Fig. 4–11: Input/Output Pins 4, 5, 77, and 78
(I2S_CL, I2S_WS, D_CTR_I/O_1, D_CTR_I/O_0)
Fig. 4–12: Output/Input Pins 71, 72, and 74
(XTAL_IN, XTAL_OUT, AUD_CL_OUT)
Fig. 4–13: Input Pins 58, 67, 68, and 69
(VREFTOP, ANA_IN1
+, ANA_IN-, ANA_IN2+)
DVSUP
P
N
GND
N
GND
ADR_SEL
GND
DVSUP
23 k
Ω
23 k
Ω
DVSUP
P
N
GND
3
−30 pF
2.5 V
500 k
Ω
3
−30 pF
P
N
Gain=0.5
D
A
ANA_IN1+
VREFTOP
ANA_IN
−
ANA_IN2+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com