Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 5 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 5 Page - Micronas

  MSP4458 Datasheet HTML 1Page - Micronas MSP4458 Datasheet HTML 2Page - Micronas MSP4458 Datasheet HTML 3Page - Micronas MSP4458 Datasheet HTML 4Page - Micronas MSP4458 Datasheet HTML 5Page - Micronas MSP4458 Datasheet HTML 6Page - Micronas MSP4458 Datasheet HTML 7Page - Micronas MSP4458 Datasheet HTML 8Page - Micronas MSP4458 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
5
Multistandard Sound Processor Family
1. Introduction
The MSP 44x8G family of Multistandard Sound Pro-
cessors covers the sound processing of all analog TV-
Standards worldwide, as well as the NICAM digital
sound standards. The full TV sound processing, start-
ing with analog sound IF signal-in, down to processed
analog AF-out, is performed on a single chip. Fig. 1–1
shows a simplified functional block diagram of the
MSP 44x8G.
The high-quality A/D and D/A converters offer the full
audio bandwidth of 20 kHz and the backend DSP pro-
cessing is performed at a 48 kHz sample rate.
The MSP 44x8G has been designed for the usage in
hybrid set-top boxes and multimedia applications. Its
asynchronous I2S slave interface allows the reception
of digital stereo signals with arbitrary sample rates
ranging from 5 to 50 kHz. Synchronization is per-
formed by means of an adaptive sample rate con-
verter.
This generation of TV sound processing ICs includes
versions for processing the multichannel television
sound (MTS) signal conforming to the standard recom-
mended by the Broadcast Television Systems Commit-
tee (BTSC). The DBX noise reduction, or alternatively,
Micronas Noise Reduction (MNR) is performed align-
ment free.
Other processed standards are the Japanese FM-FM
multiplex standard (EIA-J) and the FM Stereo Radio
standard.
The MSP 44x8G versions are pin and software com-
patible to other MSP families. Standard selection
requires only a single I2C transmission.
The MSP 44x8G has built-in automatic functions: The
IC is able to detect the actual sound standard automat-
ically (Automatic Standard Detection). Furthermore,
pilot levels and identification signals can be evaluated
internally with subsequent switching between mono/
stereo/bilingual; no I2C interaction is necessary (Auto-
matic Sound Selection).
The ICs are produced in submicron CMOS technology
and are available in the following packages: PQFP80,
PLQFP64, and PSDIP64.
Fig. 1–1: Simplified functional block diagram of the MSP 44x8G
SCART1
SCART2
SCART1
SCART2
SCART4
SCART3
MONO
Aux
Aux
I2S
Sound
Processing
Main
Sound
Processing
DAC
DAC
ADC
Main
DAC
DAC
ADC
I2S1
I2S2
Sound IF1
Sound IF2
Channel
Channel
I2S3
De-
modulator
DAC
Prescale
synchron.
I2S
Prescale
asychron.
I2S
Pre-
processing
SCART
DSP
Input
Select
SCART
Output
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com