Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 43 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 43 Page - Micronas

Back Button MSP4458 Datasheet HTML 39Page - Micronas MSP4458 Datasheet HTML 40Page - Micronas MSP4458 Datasheet HTML 41Page - Micronas MSP4458 Datasheet HTML 42Page - Micronas MSP4458 Datasheet HTML 43Page - Micronas MSP4458 Datasheet HTML 44Page - Micronas MSP4458 Datasheet HTML 45Page - Micronas MSP4458 Datasheet HTML 46Page - Micronas MSP4458 Datasheet HTML 47Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
43
Pin 38, CAPLA – Volume Capacitor Aux (Fig. 4–14)
A 10-
µF capacitor to AHVSUP must be connected to
this pin. It serves as a smoothing filter for Aux volume
changes in order to suppress audible plops. The value
of the capacitor can be lowered to 1-
µF if faster
response is required. The area encircled by the trace
lines should be minimized; keep traces as short as
possible. This input is sensitive for magnetic induction.
Pin 39, AHVSUP* – Analog Power Supply High Volt-
age
Power is supplied via this pin for the analog circuitry of
the MSP (except IF input). This pin must be connected
to the
+8 V supply. (+5 V-operation is possible with
restrictions in performance)
Pin 40, CAPLM – Volume Capacitor Main (Fig. 4–14)
A 10-
µF capacitor to AHVSUP must be connected to
this pin. It serves as a smoothing filter for Main volume
changes in order to suppress audible plops. The value
of the capacitor can be lowered to 1
µF if faster
response is required. The area encircled by the trace
lines should be minimized; keep traces as short as
possible. This input is sensitive for magnetic induction.
Pins 41, 42, NC – Pins not connected.
Pins 43, 44, AHVSS* – Analog Power Supply High
Voltage
Ground connection for the analog circuitry of the MSP
(except IF input).
Pin 45, AGNDC – Internal Analog Reference Voltage
This pin serves as the internal ground connection for
the analog circuitry (except IF input). It must be con-
nected to the VREF pins with a 3.3-
µF and a 100-nF
capacitor in parallel. This pins shows a DC level of typ-
ically 3.73 V.
Pin 46, NC – Pin not connected.
Pins 47, 48, SC4_IN_L/R – SCART4 Inputs
(Fig. 4–16)
The analog input signal for SCART4 is fed to this pin.
Analog input connection must be AC-coupled.
Pins 49, 52, and 55, ASG* – Analog Shield Ground
Analog ground (AHVSS) should be connected to this
pin to reduce cross-coupling between SCART inputs.
Pins 50, 51, SC3_IN_L/R – SCART3 Inputs
(Fig. 4–16)
The analog input signal for SCART3 is fed to this pin.
Analog input connection must be AC-coupled.
Pins 53, 54 SC2_IN_L/R – SCART2 Inputs (Fig. 4–16)
The analog input signal for SCART2 is fed to this pin.
Analog input connection must be AC-coupled.
Pins 56, 57 SC1_IN_L/R – SCART1 Inputs (Fig. 4–16)
The analog input signal for SCART1 is fed to this pin.
Analog input connection must be AC-coupled.
Pin 58, VREFTOP – Reference Voltage IF A/D Con-
verter (Fig. 4–13)
Via this pin, the reference voltage for the IF A/D con-
verter is decoupled. It must be connected to AVSS
pins with a 10-
µF and a 100-nF capacitor in parallel.
Traces must be kept short.
Pin 59, NC – Pin not connected.
Pin 60 MONO_IN – Mono Input (Fig. 4–16)
The analog mono input signal is fed to this pin. Analog
input connection must be AC-coupled.
Pins 61, 62, AVSS* – Analog Power Supply Voltage
Ground connection for the analog IF input circuitry of
the MSP.
Pins 63, 64, NC – Pins not connected.
Pins 65, 66, AVSUP* – Analog Power Supply Voltage
Power is supplied via this pin for the analog IF input cir-
cuitry of the MSP. This pin must be connected to the
+5V supply.
Pin 67, ANA_IN1
+ – IF Input 1 (Fig. 4–13)
The analog sound IF signal is supplied to this pin.
Inputs must be AC-coupled. This pin is designed as
symmetrical input: ANA_IN1
+ is internally connected
to one input of a symmetrical op amp, ANA_IN- to the
other.
Pin 68, ANA_IN
− – IF Common (Fig. 4–13)
This pins serves as a common reference for ANA_IN1/
2
+ inputs and must be AC-coupled.
Pin 69, ANA_IN2
+ – IF Input 2 (Fig. 4–13)
The analog sound if signal is supplied to this pin.
Inputs must be AC-coupled. This pin is designed as
symmetrical input: ANA_IN2
+ is internally connected
to one input of a symmetrical op amp, ANA_IN
− to the
other.
Pin 70, TESTEN – Test Enable Pin (Fig. 4–9)
This pin enables factory test modes. For normal opera-
tion, it must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com