Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 54 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 54 Page - Micronas

Back Button MSP4458 Datasheet HTML 50Page - Micronas MSP4458 Datasheet HTML 51Page - Micronas MSP4458 Datasheet HTML 52Page - Micronas MSP4458 Datasheet HTML 53Page - Micronas MSP4458 Datasheet HTML 54Page - Micronas MSP4458 Datasheet HTML 55Page - Micronas MSP4458 Datasheet HTML 56Page - Micronas MSP4458 Datasheet HTML 57Page - Micronas MSP4458 Datasheet HTML 58Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
54
Micronas
4.6.3. Characteristics
at TA = 0 to 70 °C, fCLOCK = 18.432 MHz, VSUP1 = 7.6 to 8.7 V, VSUP2 = 4.75 to 5.25 V for min./max. values
at TA = 60 °C, fCLOCK = 18.432 MHz, VSUP1 = 8 V, VSUP2 = 5 V for typical values,
TJ = Junction Temperature
Main (M) = Main Channel, Aux (A) = Aux Channel
4.6.3.1. General Characteristics
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Supply
ISUP1A
First Supply Current (active)
(8-V Operation)
Analog Volume for Main and Aux at 0 dB
Analog Volume for Main and Aux at
−30 dB
AHVSUP
18
12
25
17
mA
mA
First Supply Current (active)
(5-V Operation)
Analog Volume for Main and Aux at 0 dB
Analog Volume for Main and Aux at
−30 dB
12
8
17
11
mA
mA
ISUP2A
Second Supply Current (active)
(5-V Operation)
DVSUP
70
85
mA
Second Supply Current (active)
(3.3-V Operation)
60
75
mA
ISUP3A
Third Supply Current (active)
AVSUP
35
45
mA
ISUP1S
First Supply Current
(8-V Operation)
(standby mode) at Tj = 27 °C
AHVSUP
5.6
7.7
mA
STANDBYQ = low
First Supply Current
(5-V Operation)
(standby mode) at Tj = 27 °C
3.7
5.1
mA
STANDBYQ = low
Clock
fCLOCK
Clock Input Frequency
XTAL_IN
18.432
MHz
DCLOCK
Clock High to Low Ratio
45
55
%
tJITTER
Clock Jitter (Verification not
provided in Production Test)
50
ps
VxtalDC
DC-Voltage Oscillator
2.5
V
tStartup
Oscillator Startup Time at
VDD Slew-rate of 1 V/
µs
XTAL_IN,
XTAL_OUT
0.4
2
ms
VACLKAC
Audio Clock Output AC Voltage
AUD_CL_OUT
1.2
1.8
Vpp
load = 40 pF
VACLKDC
Audio Clock Output DC Voltage
0.4
0.6
VSUP3
Imax = 0.2 mA
routHF_ACL
HF Output Resistance
140
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com