Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 6 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 6 Page - Micronas

Back Button MSP4458 Datasheet HTML 2Page - Micronas MSP4458 Datasheet HTML 3Page - Micronas MSP4458 Datasheet HTML 4Page - Micronas MSP4458 Datasheet HTML 5Page - Micronas MSP4458 Datasheet HTML 6Page - Micronas MSP4458 Datasheet HTML 7Page - Micronas MSP4458 Datasheet HTML 8Page - Micronas MSP4458 Datasheet HTML 9Page - Micronas MSP4458 Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
6
Micronas
1.1. Features of the MSP 44x8G Family
1.2. MSP 44x8G Version List
Feature
4408
4418
4428
4448
4458
Standard Selection with single I2C transmission
X
X
X
X
X
Automatic Standard Detection of terrestrial TV standards
X
X
X
X
X
Automatic Sound Selection (mono/stereo/bilingual), new registers MODUS, STATUS
X
X
X
X
X
Two selectable sound IF (SIF) inputs
X
X
X
X
X
Automatic Carrier Mute function
X
X
X
X
X
Interrupt output programmable (indicating status change)
X
X
X
X
X
Main/Aux channel with volume, balance, bass, treble, loudness
X
X
X
X
X
AVC: Automatic Volume Correction
X
X
X
X
X
Two channel mixer
XX
XXX
Selectable preemphasis for Aux channel
X
X
X
X
X
Four Stereo SCART (line) inputs, one Mono input; two Stereo SCART outputs
X
X
X
X
X
Complete SCART in/out switching matrix
X
X
X
X
X
Two 48kHz I2S inputs; one ansynchronous 5..50 kHz I2S input, one 48 kHz I2S output
X
X
X
X
X
All analog FM-Stereo A2 and satellite standards; AM-SECAM L standard
X
X
X
Simultaneous demodulation of (very) high-deviation FM-Mono and NICAM
X
X
Adaptive deemphasis for satellite (Wegener-Panda, acc. to ASTRA specification)
X
X
X
ASTRA Digital Radio (ADR) together with DRP 3510A
X
X
X
All NICAM standards
XX
Demodulation of the BTSC multiplex signal and the SAP channel
X
X
X
Alignment free digital DBX noise reduction for BTSC Stereo and SAP
X
X
Alignment free digital Micronas Noise Reduction (MNR) for BTSC Stereo and SAP
X
BTSC stereo and EIA-J separation significantly better than spec.
X
X
X
SAP and stereo detection for BTSC system
XXX
Korean FM-Stereo A2 standard
X
X
X
X
X
Alignment-free Japanese standard EIA-J
XXX
Demodulation of the FM-Radio multiplex signal
X
X
X
Version
Status
Description
MSP 4408G
planned
FM Stereo (A2) Version
MSP 4418G
planned
NICAM and FM Stereo (A2) Version
MSP 4428G
planned
NTSC Version (A2 Korea, BTSC with Micronas Noise Reduction (MNR), and Japanese EIA-J system)
MSP 4448G
planned
NTSC Version (A2 Korea, BTSC with DBX noise reduction, and Japanese EIA-J system)
MSP 4458G
available
Global Version (all sound standards)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com