Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 40 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 40 Page - Micronas

Back Button MSP4458 Datasheet HTML 36Page - Micronas MSP4458 Datasheet HTML 37Page - Micronas MSP4458 Datasheet HTML 38Page - Micronas MSP4458 Datasheet HTML 39Page - Micronas MSP4458 Datasheet HTML 40Page - Micronas MSP4458 Datasheet HTML 41Page - Micronas MSP4458 Datasheet HTML 42Page - Micronas MSP4458 Datasheet HTML 43Page - Micronas MSP4458 Datasheet HTML 44Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
40
Micronas
27
20
28
DACM_R
OUT
LV
Main out, right
28
21
29
DACM_L
OUT
LV
Main out, left
29
22
30
NC
LV
Not connected
30
23
31
NC
LV
Not connected
31
24
32
NC
LV
Not connected
32
−−
NC
LV
Not connected
33
25
33
SC2_OUT_R
OUT
LV
SCART output 2, right
34
26
34
SC2_OUT_L
OUT
LV
SCART output 2, left
35
27
35
VREF1
X
Reference ground 1
36
28
36
SC1_OUT_R
OUT
LV
SCART output 1, right
37
29
37
SC1_OUT_L
OUT
LV
SCART output 1, left
38
30
38
CAPL_A
X
Volume capacitor Aux
39
31
39
AHVSUP
X
Analog power supply 8.0 V
40
32
40
CAPL_M
X
Volume capacitor Main
41
−−
NC
LV
Not connected
42
−−
NC
LV
Not connected
43
−−
AHVSS
X
Analog ground
44
33
41
AHVSS
X
Analog ground
45
34
42
AGNDC
X
Analog reference voltage
46
−−
NC
LV
Not connected
47
35
43
SC4_IN_L
IN
LV
SCART 4 input, left
48
36
44
SC4_IN_R
IN
LV
SCART 4 input, right
49
37
45
ASG
AHVSS
Analog Shield Ground
50
38
46
SC3_IN_L
IN
LV
SCART 3 input, left
51
39
47
SC3_IN_R
IN
LV
SCART 3 input, right
52
40
48
ASG
AHVSS
Analog Shield Ground
53
41
49
SC2_IN_L
IN
LV
SCART 2 input, left
54
42
50
SC2_IN_R
IN
LV
SCART 2 input, right
55
43
51
ASG
AHVSS
Analog Shield Ground
56
44
52
SC1_IN_L
IN
LV
SCART 1 input, left
57
45
53
SC1_IN_R
IN
LV
SCART 1 input, right
Pin No.
Pin Name
Type
Connection
(if not used)
Short Description
PQFP
80-pin
PLQFP
64-pin
PSDIP
64-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com