Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 65 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 65 Page - Micronas

Back Button MSP4458 Datasheet HTML 61Page - Micronas MSP4458 Datasheet HTML 62Page - Micronas MSP4458 Datasheet HTML 63Page - Micronas MSP4458 Datasheet HTML 64Page - Micronas MSP4458 Datasheet HTML 65Page - Micronas MSP4458 Datasheet HTML 66Page - Micronas MSP4458 Datasheet HTML 67Page - Micronas MSP4458 Datasheet HTML 68Page - Micronas MSP4458 Datasheet HTML 69Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
65
Crosstalk Specifications for 8-V and 5-V Operation
XTALK
Crosstalk Attenuation
Input Level =
−3 dB,
fsig = 1 kHz, unused analog
inputs connected to ground
by Z < 1 k
Ω
between left and right channel within
SCART Input/Output pair (L
→R, R→L)
SCn_IN
→ SCn_OUT1)
SC1_IN or SC2_IN
→ I2S Output
SC3_IN
→ I2S Output
I2S Input
→ SCn_OUT1)
80
80
80
80
dB
dB
dB
dB
unweighted
20 Hz...20 kHz
between left and right channel within
Main or Aux Output pair
I2S Input
→ DACp1)
75
dB
unweighted
20 Hz...20 kHz
between SCART Input/Output pairs1)
D = disturbing program
O = observed program
D: MONO/SCn_IN
→ SCn_OUT
O: MONO/SCn_IN
→ SCn_OUT1)
D: MONO/SCn_IN
→ SCn_OUT or unsel.
O: MONO/SCn_IN
→ I2S Output
D: MONO/SCn_IN
→ SCn_OUT
O: I2S Input
→ SCn_OUT1)
D: MONO/SCn_IN
→ unselected
O: I2S Input
→ SC1_OUT1)
100
95
100
100
dB
dB
dB
dB
(unweighted
20 Hz...20 kHz)
same signal source on left
and right disturbing chan-
nel, effect on each
observed output channel
Crosstalk between Main and Aux Output pairs
I2S Input DSP
→ DACp1)
90
dB
(unweighted
20 Hz...20 kHz)
same signal source on left
and right disturbing chan-
nel, effect on each
observed output channel
XTALK
Crosstalk from Main or Aux Output to SCART Output
and vice versa
D = disturbing program
O = observed program
D: MONO/SCn_IN/DSP
→ SCn_OUT
O: I2S Input
→ DACp1)
D: MONO/SCn_IN/DSP
→ SCn_OUT
O: I2S Input
→ DACp1)
D: I2S Input
→ DACp
O: MONO/SCn_IN
→ SCn_OUT1)
D: I2S Input
→ DACM
O: I2S Input
→ SCn_OUT1)
80
85
95
95
dB
dB
dB
dB
(unweighted
20 Hz...20 kHz)
same signal source on left
and right disturbing chan-
nel, effect on each
observed output channel
SCART output load resis-
tance 10 k
Ω
SCART output load resis-
tance 30 k
Ω
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com