Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 85 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 85 Page - Micronas

Back Button MSP4458 Datasheet HTML 77Page - Micronas MSP4458 Datasheet HTML 78Page - Micronas MSP4458 Datasheet HTML 79Page - Micronas MSP4458 Datasheet HTML 80Page - Micronas MSP4458 Datasheet HTML 81Page - Micronas MSP4458 Datasheet HTML 82Page - Micronas MSP4458 Datasheet HTML 83Page - Micronas MSP4458 Datasheet HTML 84Page - Micronas MSP4458 Datasheet HTML 85Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 85 / 85 page
background image
Micronas
page 1 of 1
Subject:
Data Sheet Concerned:
Supplement:
Edition:
Preliminary Data Sheet Supplement
Version Changes within the MSP 34xxG Family:
For a detailed description of the below-mentioned items, see the corresponding data sheets. For quick reference,
check the version history in the data sheet appendices.
MSP 34x0G
A4
B4
B5
B6
B8
MSP 34x1G
A1
A2
B8
MSP 34x2G
A1
MSP 34x5G
A4
B5
B6
B8
MSP 34x7G
B6
B8
technology
0.8 µ
0.5 µ
0.5 µ
0.5 µ
0.45 µ
power dissipation (typical) at 8 V operation
MSP 34x0/x1/x5/x7
MSP 34x2
740 mW 640 mW 640 mW 640 mW
690 mW
600 mW
digital input specification change
x
x
x
specification of max. analog high voltage (AHVSUP)
8.4 V
8.4 V
8.7 V
8.7 V
8.7 V
programmable A2 and carrier mute thresholds
x
x
x
new Standard Select Mode 0Dhex: D/K-NICAM together with HDEV3 FM mode
x
x
x
additional preference “color” for 4.5 MHz carrier in Automatic Standard Detection
x
x
x
improved AM-performance (better SNR and THD)
x
x
new Standard Select Mode 07hex: D/K3 for Poland
x
x
faster system D/K loop for stereo detection (standards 4, 5, 7, B with ASS = on)
x
x
improved I2C hardware problem handling
x
x
extended features in the CONTROL register (readout hardware / reset status)
x
x
Micronas Dynamic Bass (MDB)
MSP 34x0/x1/x2
x
x
Micronas Dynamic Bass (improved MDB)
MSP 34x0/x1/x2
x
faster identification for all standards, major speedup of
identification for EIA-J standard
x
faster carrier mute
x
J17 deemphasis
x
MSP 34xxG Version History
All MSP 34xxG Data Sheets
No. 2/ 6251-525-2PDS
Oct. 11, 2000
MSP 34xxG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com