Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 60 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 60 Page - Micronas

Back Button MSP4458 Datasheet HTML 56Page - Micronas MSP4458 Datasheet HTML 57Page - Micronas MSP4458 Datasheet HTML 58Page - Micronas MSP4458 Datasheet HTML 59Page - Micronas MSP4458 Datasheet HTML 60Page - Micronas MSP4458 Datasheet HTML 61Page - Micronas MSP4458 Datasheet HTML 62Page - Micronas MSP4458 Datasheet HTML 63Page - Micronas MSP4458 Datasheet HTML 64Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
60
Micronas
Fig. 4–23: I2S timing diagram (asynchronous interface)
4.6.3.6. Analog Baseband Inputs and Outputs, AGNDC
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Analog Ground
VAGNDC0
AGNDC Open Circuit Voltage
8-V Operation:
5-V Operation:
AGNDC
3.77
2.49
V
V
Rload ≥10 MΩ
RoutAGN
AGNDC Output Resistance
8-V Operation:
5-V Operation:
70
47
125
83
180
120
k
Ω
k
Ω
3 V
≤ V
AGNDC ≤ 4 V
Analog Input Resistance
RinSC
SCART Input Resistance
from TA = 0 to 70 °C
SCn_IN_s1)
25
40
58
k
Ω
fsignal = 1 kHz, I = 0.05 mA
RinMONO
MONO Input Resistance
from TA = 0 to 70 °C
MONO_IN
1524
35k
Ω
fsignal = 1 kHz, I = 0.1 mA
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”
Right aligned (I2S_CONFIG[11] = 1, I2S_CONFIG[9] = 0)
16 Bit data & 16...32 clocks allowed
I2S_WS3
I2S_CL3
I2S_DA_IN3
MSB
1/FI2S3WS
1/FI2S3CL
I2S_CL3
I2S_DA_IN3
I2S_WS3
Th_I2S3
Right sample (I2S_CONFIG[10] = 0)
Right sample (I2S_CONFIG[10] = 1)
Left sample (I2S_CONFIG[10] = 0)
Left sample (I2S_CONFIG[10] = 1)
MSB
LSB
MSB
MSB
LSB
I2S_DA_IN3
I2S_DA_IN3
Left aligned (I2S_CONFIG[9] = 0)
Left aligned (I2S_CONFIG[9] = 1)
16,18...32 Bit data & clocks allowed
16,18...32 Bit data & clocks allowed
Ts_I2S3
Ts_I2S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com