Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 36 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 36 Page - Micronas

Back Button MSP4458 Datasheet HTML 32Page - Micronas MSP4458 Datasheet HTML 33Page - Micronas MSP4458 Datasheet HTML 34Page - Micronas MSP4458 Datasheet HTML 35Page - Micronas MSP4458 Datasheet HTML 36Page - Micronas MSP4458 Datasheet HTML 37Page - Micronas MSP4458 Datasheet HTML 38Page - Micronas MSP4458 Datasheet HTML 39Page - Micronas MSP4458 Datasheet HTML 40Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
36
Micronas
Fig. 3–2: Software flow diagram for a minimum demodulator setup for a European multistandard set applying the
Automatic Sound Select feature
Write SOURCE SELECT Settings
Example:
set main Source Select to "Stereo or A"
set aux Source Select to "Stereo or B"
set SCART_Out Source Select to "Stereo or A/B"
set Channel Matrix mode for all outputs to "Stereo"
Write 01 into
STANDARD SELECT Register
(Start Automatic Standard Detection)
Write MODUS Register:
Example for the essential bits:
[0] = 1
Automatic Sound Select = on
[1] = 1
Enable interrupt if STATUS changes
[8] = 0
ANA_IN1+ is selected
Define Preference for Automatic Standard
Detection:
[12] = 0
If 6.5 MHz, set SECAM-L
[14:13] = 3
Ignore 4.5 MHz carrier
Write FM/AM-Prescale
Write NICAM-Prescale
In case of interrupt from
MSP to Controller:
Read STATUS
Adjust Display
If bilingual, adjust Source Select setting if required
Result = 0
?
set previous standard or
set standard manually according
picture information
yes
no
expecting interrupt from MSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com