Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 62 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 62 Page - Micronas

Back Button MSP4458 Datasheet HTML 58Page - Micronas MSP4458 Datasheet HTML 59Page - Micronas MSP4458 Datasheet HTML 60Page - Micronas MSP4458 Datasheet HTML 61Page - Micronas MSP4458 Datasheet HTML 62Page - Micronas MSP4458 Datasheet HTML 63Page - Micronas MSP4458 Datasheet HTML 64Page - Micronas MSP4458 Datasheet HTML 65Page - Micronas MSP4458 Datasheet HTML 66Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
62
Micronas
4.6.3.7. Sound IF Inputs
4.6.3.8. Power Supply Rejection
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
RIFIN
Input Impedance
ANA_IN1
+
ANA_IN2
+
ANA_IN
−
1.5
6.8
2
9.1
2.5
11.4
k
Ω
k
Ω
Gain AGC = 20 dB
Gain AGC = 3 dB
DCVREFTOP
DC Voltage at VREFTOP
2.45
2.65
2.75
V
DCANA_IN
DC Voltage on IF Inputs
1.3
1.5
1.7
V
XTALKIF
Crosstalk Attenuation
40
dB
fsignal = 1 MHz
Input Level =
−2 dBr
BWIF
3 dB Bandwidth
10
MHz
AGC
AGC Step Width
0.85
dB
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
PSRR: Rejection of Noise on AHVSUP at 1 kHz
PSRR
AGNDC
AGNDC
80
dB
From Analog Input to I2S Output
MONO_IN,
SCn_IN_s1)
70
dB
From Analog Input to
SCART Output
MONO_IN,
SCn_IN_s1)
SCn_OUT_s1)
70
dB
From I2S Input to SCART Output
SCn_OUT_s1)
60
dB
From I2S Input to Main/Aux Output
DACp_s1)
80
dB
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com