Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 53 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 53 Page - Micronas

Back Button MSP4458 Datasheet HTML 49Page - Micronas MSP4458 Datasheet HTML 50Page - Micronas MSP4458 Datasheet HTML 51Page - Micronas MSP4458 Datasheet HTML 52Page - Micronas MSP4458 Datasheet HTML 53Page - Micronas MSP4458 Datasheet HTML 54Page - Micronas MSP4458 Datasheet HTML 55Page - Micronas MSP4458 Datasheet HTML 56Page - Micronas MSP4458 Datasheet HTML 57Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
53
4.6.2.4. Crystal Recommendations
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
General Crystal Recommendations
fP
Crystal Parallel Resonance Fre-
quency at 12 pF Load Capacitance
18.432
MHz
RR
Crystal Series Resistance
8
25
Ω
C0
Crystal Shunt (Parallel) Capacitance
6.2
7.0
pF
CL
External Load Capacitance1)
XTAL_IN,
XTAL_OUT
PSDIP
approx. 1.5
P(L)QFP approx. 3.3
pF
pF
Crystal Recommendations for Master-Slave Applications (MSP-clock must perform synchronization to I2S clock)
fTOL
Accuracy of Adjustment
−20
+20
ppm
DTEM
Frequency Variation
versus Temperature
−20
+20
ppm
C1
Motional (Dynamic) Capacitance
19
24
fF
fCL
Required Open Loop Clock
Frequency (Tamb = 25 °C)
AUD_CL_OUT
18.431
18.433
MHz
Crystal Recommendations for FM / NICAM Applications (No MSP-clock synchronization to I2S clock possible)
fTOL
Accuracy of Adjustment
−30
+30
ppm
DTEM
Frequency Variation
versus Temperature
−30
+30
ppm
C1
Motional (Dynamic) Capacitance
15
fF
fCL
Required Open Loop Clock
Frequency (Tamb = 25 °C)
AUD_CL_OUT
18.4305
18.4335
MHz
Crystal Recommendations for all analog FM/AM Applications (No MSP-clock synchronization to I2S clock possible)
fTOL
Accuracy of Adjustment
−100
+100
ppm
DTEM
Frequency Variation
versus Temperature
−50
+50
ppm
fCL
Required Open Loop Clock
Frequency (Tamb = 25 °C)
AUD_CL_OUT
18.429
18.435
MHz
Amplitude Recommendation for Operation with External Clock Input (Cload after reset typ. 22 pF)
VXCA
External Clock Amplitude
XTAL_IN
0.7
Vpp
1) External capacitors at each crystal pin to ground are required. They are necessary to tune the open-loop fre-
quency of the internal PLL and to stabilize the frequency in closed-loop operation.
Due to different layouts, the accurate capacitor size should be determined with the customer PCB. The sug-
gested values (1.5...3.3 pF) are figures based on experience and should serve as “start value”.
To define the capacitor size, reset the MSP without transmitting any further I2C telegrams. Measure the fre-
quency at AUD_CL_OUT-pin. Change the capacitor size until the free running frequency matches 18.432 MHz
as closely as possible. The higher the capacity, the lower the resulting clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com