Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 17 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 17 Page - Micronas

Back Button MSP4458 Datasheet HTML 13Page - Micronas MSP4458 Datasheet HTML 14Page - Micronas MSP4458 Datasheet HTML 15Page - Micronas MSP4458 Datasheet HTML 16Page - Micronas MSP4458 Datasheet HTML 17Page - Micronas MSP4458 Datasheet HTML 18Page - Micronas MSP4458 Datasheet HTML 19Page - Micronas MSP4458 Datasheet HTML 20Page - Micronas MSP4458 Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
17
3.1.4. Proposals for General MSP 44x8G
I2C Telegrams
3.1.4.1. Symbols
daw
write device address (80hex, 84hex or 88hex)
dar
read device address (81hex, 85hex or 89hex)
<
Start Condition
>
Stop Condition
aa
Address Byte
dd
Data Byte
3.1.4.2. Write Telegrams
<daw 00 d0 00>
write to CONTROL register
<daw 10 aa aa dd dd>
write data into demodulator
<daw 12 aa aa dd dd>
write data into DSP
3.1.4.3. Read Telegrams
<daw 11 aa aa <dar dd dd>
read data from demodulator
<daw 13 aa aa <dar dd dd>
read data from DSP
3.1.4.4. Examples
<80 00 80 00>
RESET MSP statically
<80 00 00 00>
Clear RESET
<80 10 00 20 00 03>
Set demodulator to stand. 03hex
<80 11 02 00 <81 dd dd>
Read STATUS
<80 12 00 08 01 20>
Set main channel
source to NICAM and
Matrix to STEREO
More examples of typical application protocols are
listed in Section 3.4. “Programming Tips” on page 34.
3.2. Start-Up Sequence:
Power-Up and I2C Controlling
After POWER ON or RESET (see Fig. 4–20 on
page 56), the IC is in an inactive state. All registers are
in the reset position (seeTable 3–5 and Table 3–6), the
analog outputs are muted. The controller has to initial-
ize all registers for which a non-default setting is nec-
essary.
3.3. MSP 44x8G Programming Interface
3.3.1. User Registers Overview
The MSP 44x8G is controlled by means of user regis-
ters. The complete list of all user registers is given in
the following tables. The registers are partitioned into
the demodulator section (subaddress 10hex for writing,
11hex for reading) and the baseband processing sec-
tions (subaddress 12hex for writing, 13hex for reading).
Write and read registers are 16-bit wide, whereby the
MSB is denoted bit[15]. Transmissions via I2C bus have
to take place in 16-bit words (two byte transfers, with the
most significant byte transferred first). All write registers,
except the demodulator write registers, are readable.
Unused parts of the 16-bit write registers must be zero.
Addresses not given in this table must not be written.
An overview of all MSP 44x8G write registers is shown
in Table 3–5; all read registers are given in Table 3–6.
Additional read and write registers, together with a
detailed description of the manual mode, can be found
in the “Appendix B: Manual Mode” on page 73.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com