Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 27 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 27 Page - Micronas

Back Button MSP4458 Datasheet HTML 23Page - Micronas MSP4458 Datasheet HTML 24Page - Micronas MSP4458 Datasheet HTML 25Page - Micronas MSP4458 Datasheet HTML 26Page - Micronas MSP4458 Datasheet HTML 27Page - Micronas MSP4458 Datasheet HTML 28Page - Micronas MSP4458 Datasheet HTML 29Page - Micronas MSP4458 Datasheet HTML 30Page - Micronas MSP4458 Datasheet HTML 31Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
27
(continued)
00 0Ehex
FM Matrix Modes
Defines the dematrix function for the demodulated FM signal
bit[7:0]
00hex
no matrix (used for bilingual and unmatrixed stereo sound)
01hex
German stereo (Standard B/G)
02hex
Korean stereo (also used for BTSC, EIA-J, and FM Radio)
03hex
sound A mono (left and right channel contain the mono
sound of the FM/AM mono carrier)
04hex
sound B mono (i.e. SAP)
In case of Automatic Sound Select, the FM Matrix Mode is set automatically,
i.e. the low-part of any I2C transmission to the register 00 0Ehex is ignored.
To enable a Forced Mono Mode for all analog stereo systems by overriding the
internal pilot or identification evaluation, the following steps must be transmitted:
1. MODUS with bit[0] = 0 (Automatic Sound Select off)
2. FM Presc./Matrix with FM Matrix = Sound A Mono (SAP: Sound B Mono)
3. Select FM/AM source channel, with channel matrix set to “Stereo” (transparent)
FM_MATRIX
00 10hex
NICAM Prescale
Defines the input prescale value for the digital NICAM signal
bit[15:8]
00hex ... 7Fhex prescale gain
examples:
00hex
off
20hex
0dB gain
5Ahex
9 dB gain (recommendation)
7Fhex
+12 dB gain (maximum gain)
PRE_NICAM
00 16hex
00 12hex
00 11hex
I2S1 Prescale
I2S2 Prescale
I2S3 Prescale
Defines the input prescale value for digital I2S input signals
bit[15:8]
00hex ... 7Fhex prescale gain
examples:
00hex
off
10hex
0 dB gain (recommendation)
7Fhex
+18 dB gain (maximum gain)
PRE_I2S1
PRE_I2S2
PRE_I2S3
00 0Dhex
SCART Input Prescale
Defines the input prescale value for the analog SCART input signal
bit[15:8]
00hex ... 7Fhex prescale gain
examples:
00hex
off
19hex
0dB gain (2 VRMS input leads to digital full scale)
7Fhex
+14 dB gain (400 mV
RMS input leads to digital full scale)
PRE_SCART
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com