Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 24 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 24 Page - Micronas

Back Button MSP4458 Datasheet HTML 20Page - Micronas MSP4458 Datasheet HTML 21Page - Micronas MSP4458 Datasheet HTML 22Page - Micronas MSP4458 Datasheet HTML 23Page - Micronas MSP4458 Datasheet HTML 24Page - Micronas MSP4458 Datasheet HTML 25Page - Micronas MSP4458 Datasheet HTML 26Page - Micronas MSP4458 Datasheet HTML 27Page - Micronas MSP4458 Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
24
Micronas
0040hex
I2S Configuration Register
(not mentioned bit combinations must not be used)
bit[15:12]
0
undefined, must be set to 0
bit[11]
I2S Data alignment (I2S_3)
0
left aligned
1
right aligned
bit[10]
word strobe polarity (I2S_3)
1
0 = right, 1 = left
0
1 = right, 0 = left
bit[9]
word strobe alignment (asynchronous I2S_3)
0
WS changes at data word boundary
1
WS changes one clock cycle in advance
bit[8:2]
0
undefined, must be set to 0
bit[1:0]
I2S_CL frequency and I2S_DA_OUT sample length
00
2 * 16Bit (1.536MHz Clk)
01
2 * 32Bit (3.072MHz Clk)
1x
undefined, must not be used
I2S_CONFIG
Table 3–9: Write Registers on I2C Subaddress 10hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com