Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 69 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 69 Page - Micronas

Back Button MSP4458 Datasheet HTML 65Page - Micronas MSP4458 Datasheet HTML 66Page - Micronas MSP4458 Datasheet HTML 67Page - Micronas MSP4458 Datasheet HTML 68Page - Micronas MSP4458 Datasheet HTML 69Page - Micronas MSP4458 Datasheet HTML 70Page - Micronas MSP4458 Datasheet HTML 71Page - Micronas MSP4458 Datasheet HTML 72Page - Micronas MSP4458 Datasheet HTML 73Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
69
5. Appendix A: Overview of TV-Sound Standards
5.1. NICAM 728
Table 5–1: Summary of NICAM 728 sound modulation parameters
Specification
I
B/G
L
D/K
Carrier frequency of
digital sound
6.552 MHz
5.85 MHz
5.85 MHz
5.85 MHz
Transmission rate
728 kbit/s
Type of modulation
Differentially encoded quadrature phase shift keying (DQPSK)
Spectrum shaping
Roll-off factor
by means of Roll-off filters
1.0
0.4
0.4
0.4
Carrier frequency of
analog sound component
6.0 MHz
FM mono
5.5 MHz
FM mono
6.5 MHz AM mono
6.5 MHz
FM mono
terrestrial
cable
Power ratio between
vision carrier and
analog sound carrier
10 dB
13 dB
10 dB
16 dB
13 dB
Power ratio between
analog and modulated
digital sound carrier
10 dB
7 dB
17 dB
11 dB
China/
Hungary
Poland
12 dB
7 dB
Table 5–2: Summary of NICAM 728 sound coding characteristics
Characteristics
Values
Audio sampling frequency
32 kHz
Number of channels
2
Initial resolution
14 bit/sample
Companding characteristics
near instantaneous, with compression to 10 bits/sample in 32-samples (1 ms) blocks
Coding for compressed samples
2’s complement
Preemphasis
CCITT Recommendation J.17 (6.5 dB attenuation at 800 Hz)
Audio overload level
+12 dBm measured at the unity gain frequency of the preemphasis network (2 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com