Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 8 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 8 Page - Micronas

Back Button MSP4458 Datasheet HTML 4Page - Micronas MSP4458 Datasheet HTML 5Page - Micronas MSP4458 Datasheet HTML 6Page - Micronas MSP4458 Datasheet HTML 7Page - Micronas MSP4458 Datasheet HTML 8Page - Micronas MSP4458 Datasheet HTML 9Page - Micronas MSP4458 Datasheet HTML 10Page - Micronas MSP4458 Datasheet HTML 11Page - Micronas MSP4458 Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
Note: *AVC
location is
programmable
(08hex)
Volume
D
A
Prescale
Prescale
SCART1
Channel
Matrix
Volume
DACA_L
DACA_R
Quasi-Peak
Detector
SCART2
Channel
Matrix
I2S
Channel
Matrix
Quasi-Peak
Channel
Matrix
Main
Channel
Matrix
Aux
Channel
Matrix
AVC*
Volume
I2S
Interface
Volume
I2C
Read
Register
I2S
Interface
I2S
Interface
SC1_IN_L
SC1_IN_R
SC2_IN_L
SC2_IN_R
SC3_IN_L
SC3_IN_R
SC4_IN_L
SC4_IN_R
MONO_IN
Prescale
I2S_DA_OUT
I2S_DA_IN1
I2S_DA_IN3
D
A
D
A
Synchronization /
Interpolation
(sync. 48 kHz)
(async. 5-50 kHz)
A
D
DACM_L
DACM_R
D
A
Preem-
phasis
Automatic
Soundselect
Deemphasis:
50/75
µs
DBX/MNR
Panda1
Deemphasis:
J17
A
D
Prescale
AGC
ANA_IN1+
ANA_IN2+
Standard
and Sound
Detection
I2C
Read
Register
DEMODULATOR
(incl. Carrier Mute)
Decoded
Standards:
NICAM
A2
AM
BTSC
EIA-J
SAT
FM-Radio
FM/AM
Stereo or A
Stereo or A
Stereo or B
NICAM
ADR-Bus
Interface
I2S1
I2S3
SCART
scale
Mix2
scale
Mix1
Σ
SC1_OUT_L
SC1_OUT_R
SC2_OUT_L
SC2_OUT_R
SCART1_L/R
SCART2_L/R
0
1
3
4
5
7
15
2
I2S
Interface
Prescale
I2S_DA_IN2
I2S2
6
(sync. 48 kHz)
Mix1
Channel
Matrix
Mix2
Channel
Matrix
(sync. 48 kHz)
I2S_CL
I2S_WS
I2S_CL3
I2S_WS3
(16hex)
(12hex)
(11hex)
(0Dhex)
(0Ehex)
(10hex)
(09hex)
(0Bhex)
(0Chex)
(38hex)
(39hex)
(0Ahex)
(41hex)
(3Ahex)
(3Bhex)
(06hex)
(07hex)
(40hex)
(00hex)
(29hex)
(34hex)
Beeper
Σ
Σ
(14hex)
AVC*
Prescale
FM/AM
Fig. 2–1: Signal flow block diagram of the MSP 44x8G (input and output names correspond to pin names).
(13hex)
(13hex)
(29hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com