Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4458 Datasheet(PDF) 73 Page - Micronas

Part # MSP4458
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458 Datasheet(HTML) 73 Page - Micronas

Back Button MSP4458 Datasheet HTML 69Page - Micronas MSP4458 Datasheet HTML 70Page - Micronas MSP4458 Datasheet HTML 71Page - Micronas MSP4458 Datasheet HTML 72Page - Micronas MSP4458 Datasheet HTML 73Page - Micronas MSP4458 Datasheet HTML 74Page - Micronas MSP4458 Datasheet HTML 75Page - Micronas MSP4458 Datasheet HTML 76Page - Micronas MSP4458 Datasheet HTML 77Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
73
6. Appendix B: Manual Mode
To adapt the modes of the STANDARD SELECT regis-
ter to individual requirements, the MSP 44x8G offers a
Manual Mode, which provides sophisticated program-
ming of the MSP 44x8G.
The Manual Mode can be used only in those cases,
where user specific requirements concerning detec-
tion, identification, or carrier positioning have to be
met.
After the setting of the STANDARD SELECT register,
the MSP 44x8G is set up for optimal behavior. There-
fore, it is not recommended to use the Manual
mode.
6.1. Demodulator Write and Read Registers for
Manual Mode
In case of Automatic Sound Select (MODUS[0]=1),
any modifications of all DCO registers listed in
Table 6–1 are ignored.
Table 6–1: Demodulator Write Registers; Subaddress: 10hex; these registers are not readable!
Demodulator
Write Registers
Address
(hex)
MSP-
Version
Description
Reset
Mode
Page
AUTO_FM/AM
00 21
4418,
44581)
1. MODUS[0]=1 (Automatic Sound Select): Switching Level threshold of
Automatic Switching between NICAM and FM/AM in case of bad NICAM
reception
2. MODUS[0]=0 (Manual Mode): Activation and configuration of Automatic
Switching between NICAM and FM/AM in case of bad NICAM reception
00 00hex
74
A2_Threshold
00 22
A2 Stereo Identification Threshold
00 19hex
CM_Threshold
00 24
Carrier-Mute Threshold
00 2Ahex
DCO1_LO
DCO1_HI
DCO2_LO
DCO2_HI
00 93
00 9B
00 A3
00 AB
Note: Modifications are ignored for Automatic Sound Select = on
(MODUS[0]=1)
Increment channel 1 Low Part
Increment channel 1 High Part
Increment channel 2 Low Part
Increment channel 2 High Part
00 00hex
77
1) not in BTSC, EIA-J, and FM-Radio mode
Table 6–2: Demodulator Read Registers; Subaddress: 11hex; these registers are not writable!
Demodulator
Read Registers
Address
(hex)
MSP-
Version
Description
Page
C_AD_BITS
00 23
4410,
4450
NICAM-Sync bit, NICAM-C-Bits, and bit[2:0] of additional data bits
78
ADD_BITS
00 38
NICAM: bit[10:3] of additional data bits
78
CIB_BITS
00 3E
NICAM: CIB1 and CIB2 control bits
78
ERROR_RATE
00 57
NICAM error rate, updated with 182 ms
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com