Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 34 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 34 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 30Page - Motorola, Inc DSP56156ROM Datasheet HTML 31Page - Motorola, Inc DSP56156ROM Datasheet HTML 32Page - Motorola, Inc DSP56156ROM Datasheet HTML 33Page - Motorola, Inc DSP56156ROM Datasheet HTML 34Page - Motorola, Inc DSP56156ROM Datasheet HTML 35Page - Motorola, Inc DSP56156ROM Datasheet HTML 36Page - Motorola, Inc DSP56156ROM Datasheet HTML 37Page - Motorola, Inc DSP56156ROM Datasheet HTML 38Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
AC Electrical Characteristics and Timing
34
DSP56156 Data Sheet
MOTOROLA
Bus Arbitration Timing — Slave Mode
(VCC = 5.0 V dc ± 10%, TJ = -40° to +125°C, CL = 50 pF + 1 TTL Load)
cyc
= Clock cycle = 1/2 instruction cycle = 2 T cycles
WS
= Number of Wait States for external X or P memory, Determined by BCR
Register (WS = 0 to 31)
WT
= WS × cyc=2T × WS
WX
= Number of Wait States for external X memory, Determined by BCR
Register (WS = 0 to 31)
WP
= Number of Wait States for external P memory, Determined by BCR
Register (WS = 0 to 31)
NOTES:
1. With no external access from the DSP56156
2. During external read or write access
3. During external read-modify-write access
4. During Stop mode — external bus is released and BG is always low
5. During Wait mode
6. With external accesses pending by the DSP56156
7. Slave mode, when bus is still busy after bus request has been deasserted
Table 17 Slave Mode
Num
Characteristics
40/50/60 MHz
Unit
Min
Max
70
BR Input to CLKO low setup time
0
1
ns
71
Delay from BR Input Assertion to
(See Note 1)
BG Output Assertion
(See Note 2)
(See Note 3)
(See Note 4)
(See Note 5)
5T+1.9
3T+1.9
5T+1.9
NA
T+1.9
9T+4.2
6T+WT+4.2
26T+4T x WX
+2T x WP+4.2
NA
3T+4.2
ns
72
CLKO high to BG Output Assertion
1.9
5.2
ns
73
BG Output Deassertion Duration
(See Note 1)
(See Note 5)
(See Note 6)
5T-0.5
2T-0.5
3T-0.5
—
—
—
ns
74
CLKO High to Control Bus High Impedance
2.7
6.5
ns
75
CLKO High to BB Output Deassertion
3.2
7.8
ns
76
CLKO High to BB Input
3.3
8.1
ns
77
BR Input Deassertion to
(See Note 1)
BG Output Deassertion
(See Note 5)
(See Note 7)
4T+2.5
3T+3.2
3T+3.2
9T+6.4
8T+7.8
8T+8.0
ns
78
CLKO Low to BG Deassertion
(See Note 1)
CLKO High to BG Deassertion
(See Note 5)
CLKO High to BG Deassertion
(See Note 7)
2.5
3.2
3.2
6.4
7.8
8.0
ns
79
CLKO High to BB Output Active
1.3
3.6
ns
80
CLKO High to BB Output Assertion
2.3
5
ns
81
CLKO High to Address and Control Bus Active
1
3
ns
82
CLKO High to Address and Control Bus Valid
2
4.4
ns
Bus Arbitration Timing — Slave Mode
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com