Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 37 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 37 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 33Page - Motorola, Inc DSP56156ROM Datasheet HTML 34Page - Motorola, Inc DSP56156ROM Datasheet HTML 35Page - Motorola, Inc DSP56156ROM Datasheet HTML 36Page - Motorola, Inc DSP56156ROM Datasheet HTML 37Page - Motorola, Inc DSP56156ROM Datasheet HTML 38Page - Motorola, Inc DSP56156ROM Datasheet HTML 39Page - Motorola, Inc DSP56156ROM Datasheet HTML 40Page - Motorola, Inc DSP56156ROM Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
AC Electrical Characteristics and Timing
MOTOROLA
DSP56156 Data Sheet
37
Bus Arbitration Timing — Master Mode
(VCC = 5.0 V dc ± 10%, TJ = -40° to +125°C, CL = 50 pF + 1 TTL Load)
Figure 22 Bus Arbitration Timing — Master Mode — Bus Acquisition
Table 18 Master Mode
Num
Characteristic
40 MHz
50 MHz
60 MHz
Unit
Min
Max
Min
Max
Min
Max
85
CLKO High to BR Output Assertion
CLKO High to BR Output Deassertion
4.7
12
4.7
12
4.7
12
ns
86
BG Input Asserted/ Deasserted to CLKO
Low (Setup)
9.2
—6.5
—4.5
—
ns
87
CLKO Low to BG Input Invalid (Hold)
0—0—
0—
ns
88
BB Input Deasserted to CLKO Low (Setup)
9.2
—
6.5
—
4.5
—
ns
89
CLKO Low to BB Input Deasserted (Hold)
0
—
0
—
0
—
ns
90
CLKO High to BB Output Asserted
4.7
12
4.7
12
4.7
12
ns
86
85
89
88
87
90
81
82
Three-state
CLKO
(Output)
BR
(Output)
BG
(Input)
BB
(I/O)
A0-A15
PS/DS
R/W
Bus Arbitration Timing — Master Mode
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com