Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 10 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 10 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 6Page - Motorola, Inc DSP56156ROM Datasheet HTML 7Page - Motorola, Inc DSP56156ROM Datasheet HTML 8Page - Motorola, Inc DSP56156ROM Datasheet HTML 9Page - Motorola, Inc DSP56156ROM Datasheet HTML 10Page - Motorola, Inc DSP56156ROM Datasheet HTML 11Page - Motorola, Inc DSP56156ROM Datasheet HTML 12Page - Motorola, Inc DSP56156ROM Datasheet HTML 13Page - Motorola, Inc DSP56156ROM Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
10
DSP56156 Data Sheet
MOTOROLA
Pin Descriptions
BB (Bus Busy) — active low input when
not bus master, active low output
when bus master.
This pin is asserted
by the DSP when it becomes the bus
master and it performs an external ac-
cess. It is deasserted when the DSP re-
leases bus mastership. BB becomes an
input when the DSP is no longer the
bus master.
Interrupt and Mode Control
MODA/IRQA
(Mode Select A/External In-
terrupt Request A)
— input. This in-
put has two functions:
• to select the initial chip operating
mode and,
• to allow an external device to request
a DSP interrupt after internal syn-
chronization.
MODA is read and internally latched
in the DSP when the processor exits the
reset state. MODA and MODB select
the initial chip operating mode. Several
clock cycles after leaving the reset state,
the MODA pin changes to the external
interrupt request IRQA. The chip oper-
ating mode can be changed by soft-
ware after reset.
The IRQA input is a synchronized ex-
ternal interrupt request which indi-
cates
that
an external
device is
requesting service. It may be pro-
grammed to be level sensitive or nega-
tive edge triggered. If level sensitive
triggering is selected, an external pull
up resistor is required for wired-OR
operation. If the processor is in the stop
standby state and IRQA is asserted, the
processor will exit the stop state.
MODB/IRQB
(Mode Select B/External In-
terrupt Request B)
— input. This in-
put has two functions:
• to select the initial chip operating
mode and,
• to allow an external device to request
a DSP interrupt after internal syn-
chronization.
MODB is read and internally latched in
the DSP when the processor exits the
reset state. MODA and MODB select
the initial chip operating mode. Several
clock cycles after leaving the reset state,
the MODB pin changes to the external
interrupt request IRQB. After reset, the
chip operating mode can be changed
by software.
The IRQB input is an external interrupt
request which indicates that an exter-
nal device is requesting service. It may
be programmed to be level sensitive or
negative edge triggered. If level sensi-
tive triggering is selected, an external
pull up resistor is required for wired-
OR operation.
MODC (Mode Select C)
— input. This input
selects the initial bus operating mode.
When tied high, the external bus is pro-
grammed in the master mode (BR out-
put and BG input) and when tied low
the bus is programmed in the slave
mode (BR input and BG output).
MODC is read and internally latched in
the DSP when the processor exits the
reset state. After RESET, the bus operat-
ing mode can be changed by software by
writing the MC bit of the OMR register.
RESET (Reset)
— input. This input is a direct
hardware reset of the processor. When
RESET is asserted, the DSP is initialized
and placed in the reset state. A Schmitt
Interrupt and Mode Control
Bus Control
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com