Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 15 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 15 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 11Page - Motorola, Inc DSP56156ROM Datasheet HTML 12Page - Motorola, Inc DSP56156ROM Datasheet HTML 13Page - Motorola, Inc DSP56156ROM Datasheet HTML 14Page - Motorola, Inc DSP56156ROM Datasheet HTML 15Page - Motorola, Inc DSP56156ROM Datasheet HTML 16Page - Motorola, Inc DSP56156ROM Datasheet HTML 17Page - Motorola, Inc DSP56156ROM Datasheet HTML 18Page - Motorola, Inc DSP56156ROM Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
Electrical Characteristics and Timing
MOTOROLA
DSP56156 Data Sheet
15
Electrical Characteristics and Timing
CAUTION:
Exceeding maximum electrical ratings will permanently damage or
disable the chip, or impair the chip’s long term reliability.
The DSP56156 is fabricated in high density HCMOS with TTL compatible inputs and CMOS
compatible outputs.
NOTE: This device contains protective circuitry to guard against damage due to high static voltage or electrical
fields. However, normal precautions are advised to avoid application of any voltages higher than maximum
rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied
to an appropriate logic voltage level (e.g., either GND or VCC).
Table 4 Maximum Electrical Ratings (GND = 0 Vdc)
Rating
Symbol
Value
Unit
Supply Voltage
VCC
-0.3 to +7.0
V
All Input Voltages
VIN
GND - 0.5 to VCC + 0.5
V
Current Drain per Pin excluding VCC and GND
I
10
mA
Storage Temperature
Tstg
-55 to +150
°C
Table 5 Operating Conditions
Supply Voltage
VCC
Junction Temperature
TJ (°C)
Min
Max
Min
Max
4.5
5.5
-40
115
Table 6 Thermal Characteristics of CQFP and TQFP Packages
Thermal Resistance
Characteristics
Symbol
Value
Rating
CQFP
TQFP
Junction to Ambient
Θ
JA
40
49
°C/W
Junction to Case (estimated)
Θ
JC
78
°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com