Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 14 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 14 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 10Page - Motorola, Inc DSP56156ROM Datasheet HTML 11Page - Motorola, Inc DSP56156ROM Datasheet HTML 12Page - Motorola, Inc DSP56156ROM Datasheet HTML 13Page - Motorola, Inc DSP56156ROM Datasheet HTML 14Page - Motorola, Inc DSP56156ROM Datasheet HTML 15Page - Motorola, Inc DSP56156ROM Datasheet HTML 16Page - Motorola, Inc DSP56156ROM Datasheet HTML 17Page - Motorola, Inc DSP56156ROM Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
14
DSP56156 Data Sheet
MOTOROLA
Pin Descriptions
the codec control register COCR. This
pin should be left floating when the co-
dec is not used.
SPKP (Speaker Plus)
— output. This pin is
the positive analog output from the on-
chip D/A converter. This pin should be
left floating when the codec is not used.
SPKM (Speaker Minus)
— output. This pin is
the negative analog output from the
on-chip D/A converter. This pin
should be left floating when the codec
is not used.
VREF (Voltage Reference)
— output. This
pin is the op-amp buffer output in the
reference voltage generator. It has a
value of (2
/5)VCCA. This pin should al-
ways be connected to the GNDA
through two capacitors, even when the
codec is not used.
VDIV (Voltage Division)
— output. This
output pin is also the output to the on-
chip op-amp buffer in the reference
voltage generator. It is connected to a
resistor divider network located within
the codec block which provides a volt-
age equal to (2
/5)VCCA. This pin should
be connected to the GND via a capacitor
when the codec is used and should be
left floating when the codec is not used.
Power, Ground, and Clock
VCC (Power) — Power pins
GND (Ground)
— Ground pins
VCCS (Synthesizer Power) — This pin sup-
plies a quiet power source to the Phase-
Locked Loop (PLL) to provide greater
frequency stability.
GNDS (Synthesizer Ground)
— This pin sup-
plies a quiet ground source to the PLL
to provide greater frequency stability.
VCCA (Analog Power) — This pin is the posi-
tive analog supply input. It should be con-
nected to VCC when the codec is not used.
GNDA (Analog Ground)
— This pin is the an-
alog ground return. It should be con-
nected to digital GND when the codec
is not used.
EXTAL (External Clock)
— input. This input
should be driven by an external clock or
by an external oscillator. After being
squared, the input frequency can be
used as the DSP core internal clock. In
that case, it is divided by two to produce
a four phase instruction cycle clock, the
minimum instruction time being two in-
put clock periods. This input frequency
is also used, after division, as input
clock for the on-chip codec and the on-
chip PLL.
CLKO (Clock Output)
— output. This pin
outputs a buffered clock signal. By pro-
gramming two bits (CS1-CS0) inside
the PLL Control Register (PLCR), the
user can select between outputting a
squared version of the signal applied to
EXTAL, a squared version of the signal
applied to EXTAL divided by 2, and a
delayed version of the DSP core master
clock. The clock frequency on this pin
can be disabled by setting the Clockout
Disable bit (CD; bit 7) of the Operating
Mode Register (OMR). When disabled,
the pin can be left floating.
SXFC (External Filter Capacitor)
— This pin
adds an external capacitor to the PLL
filter circuit. A low leakage capacitor
should be connected between and lo-
cated very close to SXFC and VCCS.
Power, Ground, and Clock
On-Chip Codec
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com