Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 68 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 68 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 64Page - Motorola, Inc DSP56156ROM Datasheet HTML 65Page - Motorola, Inc DSP56156ROM Datasheet HTML 66Page - Motorola, Inc DSP56156ROM Datasheet HTML 67Page - Motorola, Inc DSP56156ROM Datasheet HTML 68Page - Motorola, Inc DSP56156ROM Datasheet HTML 69Page - Motorola, Inc DSP56156ROM Datasheet HTML 70Page - Motorola, Inc DSP56156ROM Datasheet HTML 71Page - Motorola, Inc DSP56156ROM Datasheet HTML 72Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
Design Considerations
MOTOROLA
DSP56156 Data Sheet
63
Host Port
Considerations
Careful synchronization is required when
reading multi-bit registers that are written by
another asynchronous system. This is a com-
mon problem when two asynchronous sys-
tems are connected. The situation exists in
the host interface. The considerations for
proper operation are discussed below.
Host Programming
Considerations
1. Unsynchronized Reading of
Receive Byte Registers
When reading receive byte registers,
RXH or RXL, the host program should
use interrupts or poll the RXDF flag
which indicates that data is available.
This assures that the data in the receive
byte registers will be stable.
2. Overwriting Transmit Byte Registers
The host program should not write to the
transmit byte registers, TXH or TXL, un-
less the TXDE bit is set indicating that the
transmit byte registers are empty. This
guarantees that the transmit byte regis-
ters will transfer valid data to the HRX
register.
3. Synchronization of Status Bits from
DSP to Host
HC, HREQ, DMA, HF3, HF2, TRDY,
TXDE, and RXDF status bits are set or
cleared from inside the DSP and read by
the host processor (refer to DSP56156 Us-
er’s Manual, I/O Interface section, Host/
DMA Interface Programming Model for
descriptions of these status bits). The
host can read these status bits very quick-
ly without regard to the clock rate used
by the DSP, but the possibility exists that
the state of the bit could be changing dur-
ing the read operation. This is generally
not a system problem, since the bit will
be read correctly in the next pass of any
host polling routine.
However, if the host asserts HEN for
more than timing number 101 (T101),
with a minimum cycle time of timing
number 103 (T103), then these status bits
are guaranteed to be stable. Care must
be exercised when reading status bits
HF3 and HF2 as an encoded pair. If the
DSP changes HF3 and HF2 from 00 to 11,
there is a small probability that the host
could read the bits during the transition
and receive 01 or 10 instead of 11. If the
combination of HF3 and HF2 has signif-
icance, the host could read the wrong
combination. Therefore, read the bits
twice and check for consensus.
4. Overwriting the Host Vector
The host program should change the
Host Vector register only when the Host
Command bit (HC) is clear. This change
will guarantee that the DSP interrupt
control logic will receive a stable vector.
5. Cancelling a Pending Host Command
Exception
The host processor may elect to clear the
HC bit to cancel the host command ex-
ception request at any time before it is
recognized by the DSP. Because the host
does not know exactly when the excep-
tion will be recognized (due to exception
processing synchronization and pipeline
delays), the DSP may execute the host
command exception after the HC bit is
cleared. For these reasons, the HV bits
must not be changed at the same time
that the HC bit is cleared.
Host Port Considerations
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com