Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 64 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 64 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 60Page - Motorola, Inc DSP56156ROM Datasheet HTML 61Page - Motorola, Inc DSP56156ROM Datasheet HTML 62Page - Motorola, Inc DSP56156ROM Datasheet HTML 63Page - Motorola, Inc DSP56156ROM Datasheet HTML 64Page - Motorola, Inc DSP56156ROM Datasheet HTML 65Page - Motorola, Inc DSP56156ROM Datasheet HTML 66Page - Motorola, Inc DSP56156ROM Datasheet HTML 67Page - Motorola, Inc DSP56156ROM Datasheet HTML 68Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
Pin-out and Package
64
DSP56156 Data Sheet
MOTOROLA
0.100 (0.004)
C
C2
VIEW AB
SEATING
PLANE
-T-
-L-, -M-, -N-
VIEW Y
J1
J1
F
J
D
BASE
METAL
AA
SECTION J1-J1
(VIEW ROTATED 90
° COUNTER CLOCKWISE)
VIEW AB
θ1
R2
R1
0.13 (0.005)
T L -M M C M
M
VIEW Y
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
20.000 BSC
0.790 BSC
A1
10.000 BSC
0.395 BSC
B
20.000 BSC
0.790 BSC
B1
10.000 BSC
0.395 BSC
C
1.400
1.600
0.055
0.063
C1
0.050
0.150
0.002
0.006
C2
1.350
1.450
0.053
0.057
D
0.270
0.370
0.011
0.014
E
0.450
0.750
0.018
0.030
F
0.270
0.330
0.011
0.013
G
0.650 BSC
0.0256 BSC
J
0.115
0.175
0.006
0.007
K
0.500 BSC
0.020 BSC
P
0.325 BSC
0.013 BSC
R1
0.100
0.200
0.004
0.008
R2
0.100
0.200
0.004
0.008
S
22.000 BSC
0.866 BSC
S1
11.000 BSC
0.433 BSC
V
22.000 BSC
0.866 BSC
V1
11.000 BSC
0.433 BSC
Y
0.250 REF
0.010 REF
Z
1.000 REF
0.039 REF
AA
0.115
0.135
0.004
0.005
θ
θ1
θ2
θ3
PIN 1
Identifier
112
85
84
56
28
57
1
29
-L-
-M-
-N-
V1
S1
0
°
3
°
11
°
11
°
0
°
3
°
11
°
11
°
8
°
7
°
13
°
13
°
8
°
7
°
13
°
13
°
0.200 (0.008) T L-M N
0.200 (0.008) H L-M N
4x
4x 28 TIPS
θ3
θ2
S
A
V
B
B1
A1
θ
C1
0.25 (0.010)
4x
P
108x
G
GAGE PLANE
0.050 (0.002) S
-H-
Y
K
E
Z
NOTES:
1. Dimensioning and tolerancing per ANSI Y14.5M, 1982.
2. Controlling dimension: Millimeter.
3. Datum plane -H- is located at bottom of lead and is coincident with the lead
where the lead exits the plastic body at the bottom of the parting line.
4. Datums -L-, -M- and -N- to be determined at datum plane -H-.
5. Dimensions S and V to be determined at seating plane -T-.
6. Dimensions A and B do not include mold protrusion. Allowable protrusion is
0.25 (0.010) per side. Dimensions A and B do include mold mismatch and are
determined at datum plane -H-.
7. Dimension D does not include dambar protrusion. Allowable dambar
protrusion shall not cause the D dimension to exceed 0.43 (0.017).
Figure 42
DSP56156 112-pin Plastic Thin Quad Flat Pack (TQFP) Mechanical Information
NOTE: BSC = Between Statistical Center
(i.e., typical)
TOP
VIEW
Case 987-01
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com