Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 17 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 17 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 13Page - Motorola, Inc DSP56156ROM Datasheet HTML 14Page - Motorola, Inc DSP56156ROM Datasheet HTML 15Page - Motorola, Inc DSP56156ROM Datasheet HTML 16Page - Motorola, Inc DSP56156ROM Datasheet HTML 17Page - Motorola, Inc DSP56156ROM Datasheet HTML 18Page - Motorola, Inc DSP56156ROM Datasheet HTML 19Page - Motorola, Inc DSP56156ROM Datasheet HTML 20Page - Motorola, Inc DSP56156ROM Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
Electrical Characteristics and Timing
MOTOROLA
DSP56156 Data Sheet
17
A/D and D/A Performance
(VCCA = 5.0 V dc ± 10%, TJ = -40° to +125°C)
The A/D and D/A performance of the codec section are given in Table 8 with an
example presented in Figure 4.
NOTES:
1. 0 dB gain on the A/D and D/A; Codec clock at 1.538 MHz with 128 decimation/interpolation ratio and
tested at 1502 Hz
2. 0 dBm0 corresponds to -3.14 dB below the input saturation level
Figure 4 Example: S/N and S/N+T Performance for the A/D Section
Table 8 A/D and D/A Performance of Codec
Characteristic
Level
Min
Typ
(See Note 1)
Max
Unit
Analog to Digital Section Signal to Noise
plus Distortion Ratio (S/N+T)
0 dBm0
(See Note 2)
55
65
—dB
-50 dBm0
15
20
—
dB
Digital to Analog Section Signal to Noise
plus Distortion Ratio (S/N+T)
0 dB
55
65
—
dB
-50 dB
15
20
—
dB
S in dB
0
10
20
30
40
50
60
70
80
S/N
S/N+T
Signal in dB
÷13
CODEC
÷(12+1)*4
2 MHz
1 MHz
PLL
52 MHz
COCR=$E400
PLL
Codec
÷(12+1)x4
÷ 13
÷ 6.5
13 MHz
A/D and D/A Performance
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com