Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 65 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 65 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 61Page - Motorola, Inc DSP56156ROM Datasheet HTML 62Page - Motorola, Inc DSP56156ROM Datasheet HTML 63Page - Motorola, Inc DSP56156ROM Datasheet HTML 64Page - Motorola, Inc DSP56156ROM Datasheet HTML 65Page - Motorola, Inc DSP56156ROM Datasheet HTML 66Page - Motorola, Inc DSP56156ROM Datasheet HTML 67Page - Motorola, Inc DSP56156ROM Datasheet HTML 68Page - Motorola, Inc DSP56156ROM Datasheet HTML 69Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
Design Considerations
60
DSP56156 Data Sheet
MOTOROLA
Design Considerations
Θ
JC is device-related and cannot be influ-
enced by the user. However,
Θ
CA is user-de-
pendent and can be minimized by such
thermal management techniques as heat
sinks, ambient air cooling, and thermal con-
vection. Thus, good thermal management on
the part of the user can significantly reduce
Θ
CA so that ΘJA approximately equals ΘJC.
Substitution of
Θ
JC for ΘJA in equation (1) will
result in a lower semiconductor junction
temperature. Values for thermal resistance
presented in this document, unless estimat-
ed, were derived using the procedure de-
scribed in Motorola Reliability Report 7843,
“Thermal Resistance Measurement Method
for MC68XX Microcomponent Devices”, and
are provided for design purposes only. Ther-
mal measurements are complex and depen-
dent on procedure and setup. User-derived
values for thermal resistance may differ.
Power, Ground, and
Noise
Each DSP56156 VCC pin should be provided
with a low-impedance path to +5 volts. Each
DSP56156 GND pin should likewise be pro-
vided with a low-impedance path to ground.
The power supply pins drive distinct groups
of logic on chip as shown in Table 26.
The VCC power supply should be by-
passed to GND ground using at least six
0.01 – 0.1 µF bypass capacitors located ei-
ther underneath the chip’s socket or as close
as possible to the four sides of the package.
The capacitor leads and the associated
printed circuit traces connecting to chip VCC
and GND should be kept to less than 0.5” per
Heat Dissipation
The average chip junction temperature, TJ, in
°C, can be obtained from:
TJ = TA + (PD × ΘJA)(1)
Where:
TA
= ambient temperature,
°C
Θ
JA
= package thermal resistance,
junction-to-ambient,
°C/W
PD
=PINT + PI/O
PINT =ICC × VCC watts — chip internal
power
PI/O = power dissipation on input and
output pins — user determined
For most applications PI/O < PINT and PI/O can
be neglected. An appropriate relationship be-
tween PD and TJ (if PI/O is neglected) is:
PD = K/(TJ + 273)
(2)
Solving equations (1) and (2) for K gives:
K = PD × (TA + 273) + PD × ΘJA
(3)
Where K is a constant pertaining to the partic-
ular package. K can be determined from
equation (2) by measuring PD (at equilibri-
um) for a known TA. Using this value of K, the
values of PD and TJ can be obtained by solv-
ing equations (1) and (2) iteratively for any
value of TA. The total thermal resistance of a
package (
Θ
JA) can be separated into two com-
ponents,
Θ
JC and ΘCA, representing the barrier
to heat flow from the semiconductor junction
to the package (case) surface (
Θ
JC) and from
the case to the outside ambient (
Θ
CA). These
terms are related by the equation:
Θ
JA = ΘJC + ΘCA
(4)
Heat Dissipation
Power, Ground, and Noise
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com