Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 9 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 9 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 5Page - Motorola, Inc DSP56156ROM Datasheet HTML 6Page - Motorola, Inc DSP56156ROM Datasheet HTML 7Page - Motorola, Inc DSP56156ROM Datasheet HTML 8Page - Motorola, Inc DSP56156ROM Datasheet HTML 9Page - Motorola, Inc DSP56156ROM Datasheet HTML 10Page - Motorola, Inc DSP56156ROM Datasheet HTML 11Page - Motorola, Inc DSP56156ROM Datasheet HTML 12Page - Motorola, Inc DSP56156ROM Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
Pin Descriptions
MOTOROLA
DSP56156 Data Sheet
9
the BB pin is deasserted. The DSP con-
tinues executing instructions only if in-
ternal program and data memory
resources are accessed. If the DSP re-
quests the external bus while BR input
pin is asserted, the DSP bus controller
inserts wait states until the external bus
becomes available (BR and BB deas-
serted). Note that interrupts are not
serviced when a DSP instruction is
waiting for the bus controller. Note
also that BR is prevented from inter-
rupting the execution of a read/ modi-
fy/write instruction.
If the master bit in the OMR register is
set, this pin becomes an output (Master
Mode). In this mode, the DSP is not the
external bus master and has to assert
BR to request the bus mastership. The
DSP bus controller will insert wait
states until BG input is asserted and
will then begin normal bus accesses af-
ter the rising of the clock which sam-
pled BB high. The BR output signal will
remain asserted until the DSP no long-
er needs the bus. In this mode, the Re-
quest Hold bit (RH) of the Bus Control
Register (BCR) allows BR to be asserted
under software control.
During external accesses caused by an
instruction executed out of external pro-
gram memory, BR remains asserted low
for consecutive external X memory ac-
cesses and continues toggling for con-
secutive external P memory accesses
unless the Request Hold bit (RH) is set
inside the Bus Control Register (BCR).
In the master mode, BR can also be
used for non arbitration purpose: if BG
is always asserted, BR is asserted in t0
of every external bus access. It can then
be used as a chip select to turn a exter-
nal memory device off and on between
internal and external bus accesses. BR
timing is in that case similar to A0-A15,
R/W and PS/DS; it is asserted and
deasserted during t0.
BG (Bus Grant) — active low input when
in master mode, active low output
when in slave mode.
Output after
power on reset if the slave is selected,
this pin is asserted to acknowledge an
external bus request. It indicates that
the DSP will release control of the ex-
ternal address bus A0-A15, data bus
D0-D15 and bus control pins when BB
is deasserted. The BG output is assert-
ed in response to a BR input. When the
BG output is asserted and BB is deas-
serted, the external address bus A0-A15,
data bus D0-D15 and bus control pins
are in the high impedance state. BG as-
sertion may occur in the middle of an
instruction which requires more than
one external bus cycle for execution.
Note that BG assertion will not occur
during indivisible read-modify-write
instructions (BFSET, BFCLR, BFCHG).
When BR is deasserted, the BG output
is deasserted and the DSP regains con-
trol of the external address bus, data
bus, and bus control pins when the BB
pin is sampled high.
This pin becomes an input if the master
bit in the OMR register is set (Master
Mode). It is asserted by an external pro-
cessor when the DSP may become the
bus master. The DSP can start normal
external memory access after the BB pin
has been deasserted by the previous
bus master. When BG is deasserted, the
DSP will release the bus as soon as the
current transfer is completed. The state
of BG may be tested by testing the BS bit
in the Bus Control Register. BG is ig-
nored during hardware reset.
Bus Control
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com