Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 72 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 72 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 68Page - Motorola, Inc DSP56156ROM Datasheet HTML 69Page - Motorola, Inc DSP56156ROM Datasheet HTML 70Page - Motorola, Inc DSP56156ROM Datasheet HTML 71Page - Motorola, Inc DSP56156ROM Datasheet HTML 72Page - Motorola, Inc DSP56156ROM Datasheet HTML 73Page - Motorola, Inc DSP56156ROM Datasheet HTML 74Page - Motorola, Inc DSP56156ROM Datasheet HTML 75Page - Motorola, Inc DSP56156ROM Datasheet HTML 76Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
Design Considerations
MOTOROLA
DSP56156 Data Sheet
67
A four level board is recommended. The top layer (directly under the parts) and the bottom
layer should be interconnect layers. The two center layers should be power and ground.
Ground and power planes should be completely separated. The digital and analog power/
ground planes should not overlap. All codec pins should be over the analog planes. The ana-
log planes should not encompass any digital pins. All codec signal traces should be over the
analog planes.
Figure 47 shows that 0.1
µF bypass caps should be located as close to the pins being bypassed
as possible. The ground side of these caps should be connected as close as possible to the VCCA
pin. The ground side of the bypass cap should be connected to the VCCA pin by short traces.
Figure 47 Suggested Top Layer Bypassing
The pins with 0.1
µF bypass caps are VREF and GNDA. The largest size practical bypass
caps should also be added for each of these pins as well as for the VDIV pin; 10
µF bypass
caps should be considered a minimum value for the larger caps (65
µF on VDIV may be
used). These caps should be near the package but do not have to be right next to the pins.
The DAC outputs (SPKP and SPKM) should be run right next to each other as shown on Figure 48.
28
BIAS
AUX
MIC
0.1
µF
0.1
µF
Š10 µF
25
µF
65
µF
10 k
Ω
Analog I/O Considerations
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com