Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 28 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 28 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 24Page - Motorola, Inc DSP56156ROM Datasheet HTML 25Page - Motorola, Inc DSP56156ROM Datasheet HTML 26Page - Motorola, Inc DSP56156ROM Datasheet HTML 27Page - Motorola, Inc DSP56156ROM Datasheet HTML 28Page - Motorola, Inc DSP56156ROM Datasheet HTML 29Page - Motorola, Inc DSP56156ROM Datasheet HTML 30Page - Motorola, Inc DSP56156ROM Datasheet HTML 31Page - Motorola, Inc DSP56156ROM Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
AC Electrical Characteristics and Timing
28
DSP56156 Data Sheet
MOTOROLA
Figure 16 Recovery from Wait/Stop State Using DR Pin — Asynchronous Timing
Capacitance Derating
The DSP56156 External Bus Timing Specifications are designed and tested at the maximum ca-
pacitive load of 50 pF, including stray capacitance. Typically, the drive capability of the Exter-
nal Bus pins (A0-A15, D0-D15, PS/DS, RD, BS, WR, R/W) derates linearly at 1 ns per 12 pF of
additional capacitance from 50 pF to 250 pF of loading. Port B and C pins derate linearly at 1 ns
per 5 pF of additional capacitance from 50 pF to 250 pF of loading.
When an internal memory access follows an external memory access, the PS/DS, R/W, RD
and WR strobes remain deasserted and A0-A15 do not change from their previous state.
CLKO
(output)
DR
(input)
DSO
(output)
31
T1, T3
30
33
T0, T2
Reset, Stop, Wait, Mode Select, and Interrupt Timing
Capacitance Derating
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com