Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 62 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 62 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 58Page - Motorola, Inc DSP56156ROM Datasheet HTML 59Page - Motorola, Inc DSP56156ROM Datasheet HTML 60Page - Motorola, Inc DSP56156ROM Datasheet HTML 61Page - Motorola, Inc DSP56156ROM Datasheet HTML 62Page - Motorola, Inc DSP56156ROM Datasheet HTML 63Page - Motorola, Inc DSP56156ROM Datasheet HTML 64Page - Motorola, Inc DSP56156ROM Datasheet HTML 65Page - Motorola, Inc DSP56156ROM Datasheet HTML 66Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
Pin-out and Package
62
DSP56156 Data Sheet
MOTOROLA
-L-
VIEW Y
PIN 1
Identifier
112
1
28
29
56
57
84
85
CE
W
G 108 Place
VIEW P
0.15 (0.006)
0.20 (0.008)
T L-M S N S
M
0.20 (0.008)
TL-M S
N S
M
A
S
-M-
B
V
-N-
-H-
DATUM
PLANE
-T- SEATING
PLANE
J1
J1
P
VIEW Y
3 Place
-L-, -M-, -N-
A1
θ1
θ2
R R1
R R2
K
-H-
DATUM
PLANE
VIEW P
C1
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
E
F
G
J
K
P
S
V
W
A1
B1
C1
R1
R2
θ2
18.880
18.880
2.740
0.220
2.340
0.220
0.130
0.650
22.950
22.950
0.300
0.200
0.120
0
°
20.400
20.400
3.450
0.380
3.060
0.330
0.230
0.950
23.450
23.450
0.600
0.132
0.743
0.743
0.108
0.009
0.092
0.009
0.005
0.026
0.904
0.904
0.012
0.008
0.0047
0.803
0.803
0.135
0.015
0.120
0.013
0.009
0.037
0.923
0.923
0.024
0.0052
0.650 BSC
0.0256 BSC
0.325 BSC
0.0128 BSC
1.800 REF
0.070 REF
0.200 REF
0.008 REF
0.200 REF
0.008 REF
NOTES: 1. Dimensioning and tolerancing per ANSI Y14.5M, 1982.
2. Controlling dimension: millimeter.
3. Datum plane -H- is coincident with the bottom of the lead
where the lead exits the ceramic body.
4. Datums -L-, -M- and -N- to be determined at datum plane -H-.
5. Dimensions S and V to be determined at seating plane -T-.
6. Dimensions A and B define maximum ceramic body dimensions
including glass protrusion and mismatch.
θ1
0
°
8
°
8
°
0
°
0
°
8
°
8
°
M
0.127 (0.005)
T L-M
N
BASE
METAL
PLATING
SECTION J1-J1
112 Place
VIEW ROTATED 90
°
F
D
J
B1
Figure 41 DSP56156 112-pin Ceramic Quad Flat Pack (CQFP) Mechanical Information
S
S
NOTE: BSC = Between Statistical Center
(i.e., typical)
TOP
VIEW
Case 915-01
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com