Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 67 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 67 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 63Page - Motorola, Inc DSP56156ROM Datasheet HTML 64Page - Motorola, Inc DSP56156ROM Datasheet HTML 65Page - Motorola, Inc DSP56156ROM Datasheet HTML 66Page - Motorola, Inc DSP56156ROM Datasheet HTML 67Page - Motorola, Inc DSP56156ROM Datasheet HTML 68Page - Motorola, Inc DSP56156ROM Datasheet HTML 69Page - Motorola, Inc DSP56156ROM Datasheet HTML 70Page - Motorola, Inc DSP56156ROM Datasheet HTML 71Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
Design Considerations
62
DSP56156 Data Sheet
MOTOROLA
Power Consumption
(VCC = 5.0 V dc ± 10%, TJ = -40° to +125°C, CL = 50 pF + 1 TTL Load)
The DC electrical characteristics of this device are shown in Table 27. Power consumption is
application dependant. The data in Table 27 is collected by running the following code using
internal memory after having programmed all pins of port B and C as input and after having
three-stated the data bus (MC = 0 in OMR) and pulled high:
move
#0,r0
move
#0,r3
move
#$100,r2
move
#$00ff,m0
loop
clr
a
move
x:(r0)+,a
;initial value to accumulator
move
a1,a0
rep
#30
mac
x0,y0,a
x:(r3)+,x0
;mac on typical data
move
a,p:(r2)
;store the mac result
move
#0,r3
jmp
loop
To minimize the power dissipation, all unused digital input pins should be tied inactive to
ground or power; and all unused I/O pins should be tied inactive through a 10K¾ resistor to
ground or power. When the codec is not used, GNDA should be connected to GND; and VCCA
should be connected to VCC. Also, all codec pins should be left floating, except VREF which
should still be decoupled.
Table 27 DC Electrical Characteristics
Conditions
Symbol
Typical
Unit
40
MHz
50
MHz
60
MHz
Digital current with Codec and PLL disabled
ICC
91
112
133
mA
Digital current Wait Mode with Codec
and PLL disabled
ICC
12
14
17
mA
Digital current Wait Mode with Codec Enabled
and PLL disabled
ICC
92
113
134
mA
Stop mode with PLL and CLKO disabled
ICC
—
250
—
µA
Digital current drawn by the PLL when active
ICC
—1—
mA
Digital current drawn by CLKO when active
ICC
—3.6
—
mA
Analog current with Codec enabled
ICCA
—12—
mA
Analog current with Codec disabled
ICCA
—70—
µA
Power Consumption
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com