Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 71 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 71 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 67Page - Motorola, Inc DSP56156ROM Datasheet HTML 68Page - Motorola, Inc DSP56156ROM Datasheet HTML 69Page - Motorola, Inc DSP56156ROM Datasheet HTML 70Page - Motorola, Inc DSP56156ROM Datasheet HTML 71Page - Motorola, Inc DSP56156ROM Datasheet HTML 72Page - Motorola, Inc DSP56156ROM Datasheet HTML 73Page - Motorola, Inc DSP56156ROM Datasheet HTML 74Page - Motorola, Inc DSP56156ROM Datasheet HTML 75Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
Design Considerations
66
DSP56156 Data Sheet
MOTOROLA
Figure 45 shows three possible single-ended output configurations. Configuration (a) is highly
recommended. For configurations (b) and (c), an AC coupling capacitor is required since the
load resistor is tied to GNDA.
Figure 46 shows a recommended layout for power and ground planes.
Figure 46 Ground and Power planes
Š 500
Ω
SPKP
SPKM
Š 500
Ω
47 K¾
47 K¾
47 K¾
VREF
SPKP
SPKM
SPKP
SPKM
Š 500
Ω
0 < C ð 100 nF
NC
(a)
(b)
(c)
-
+
VCCA
GNDA
0 < C ð 100 nF
0 < C ð 100 nF
Figure 45 Single-ended Output Configurations
128
84
57
Analog Ground and
Power planes
Digital Ground and
Power planes
Analog I/O Considerations
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com