Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 24 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 24 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 20Page - Motorola, Inc DSP56156ROM Datasheet HTML 21Page - Motorola, Inc DSP56156ROM Datasheet HTML 22Page - Motorola, Inc DSP56156ROM Datasheet HTML 23Page - Motorola, Inc DSP56156ROM Datasheet HTML 24Page - Motorola, Inc DSP56156ROM Datasheet HTML 25Page - Motorola, Inc DSP56156ROM Datasheet HTML 26Page - Motorola, Inc DSP56156ROM Datasheet HTML 27Page - Motorola, Inc DSP56156ROM Datasheet HTML 28Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
AC Electrical Characteristics and Timing
24
DSP56156 Data Sheet
MOTOROLA
NOTES:
1. Circuit stabilization delay is required during reset when using an external clock in two cases:
• after power-on reset
• when recovering from Stop mode
2. When using fast interrupts, IRQA or IRQB is defined as level-sensitive, then timings 20 and 21
apply to prevent multiple interrupt service. To avoid these timing restrictions, the negative edge-trig-
gered mode is recommended when using fast interrupts.
3. The interrupt instruction fetch is visible on the pins only in Mode 3.
4. The minimum is specified for the duration of an edge triggered IRQA interrupt required to recover
from the Stop state. This is not the minimum required so that the IRQA interrupt is accepted.
5. Timing #22 is for all IRQx interrupts while timing #23 is only when exiting the Wait state.
6. Timing #22 triggers off T1 in the normal state and off phi1 when exiting the Wait state.
7. The instruction fetch is visible on the pins only in Mode 2 and Mode 3.
Figure 7 Asynchronous Reset Timing
Figure 8 Synchronous Reset Timing
RESET
D0-D15
A0-A15
PS/DS
R/W
BS
10
11
12
First Fetch
VIHR
CLKO
RESET
A0-A15
PS/DS
BS
R/W
14
13
Reset, Stop, Wait, Mode Select, and Interrupt Timing
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com