Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 12 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 12 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 8Page - Motorola, Inc DSP56156ROM Datasheet HTML 9Page - Motorola, Inc DSP56156ROM Datasheet HTML 10Page - Motorola, Inc DSP56156ROM Datasheet HTML 11Page - Motorola, Inc DSP56156ROM Datasheet HTML 12Page - Motorola, Inc DSP56156ROM Datasheet HTML 13Page - Motorola, Inc DSP56156ROM Datasheet HTML 14Page - Motorola, Inc DSP56156ROM Datasheet HTML 15Page - Motorola, Inc DSP56156ROM Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
12
DSP56156 Data Sheet
MOTOROLA
Pin Descriptions
acknowledge, HACK enables the HI
Interrupt Vector Register (IVR) onto
the host data bus H0-H7 if the Host Re-
quest HREQ output is asserted. In this
case, all other HI control pins are ig-
nored and the HI state is not affected.
HACK may be programmed as a gen-
eral purpose I/O pin called PB14 when
the HI is not being used.
16-bit Timer
TIN (Timer Input)
— input*. This input re-
ceives external pulses to be counted by
the on-chip 16-bit timer when external
clocking is selected. The pulses are in-
ternally synchronized to the DSP core
internal clock. TIN may be pro-
grammed as a general purpose I/O pin
called PC10 when the external event
function is not being used.
TOUT (Timer Output)
— output*. This out-
put generates pulses or toggles on a
timer overflow event or a compare
event. TOUT may be programmed as a
general purpose I/O pin called PC11
when disabled by the timer out enable
bits (TO2-TO0).
Synchronous Serial
Interfaces (SSI)
STD0-1 (SSI0-1 Transmit Data)
— output*.
These output pins transmit serial data
from the SSI0-1 Transmit Shift Register.
STD0 and STD1 may be programmed
as a general purpose I/O pin called
PC0 and PC5, respectively, when the
STD function is not being used.
SRD0-1 (SSI0-1 Receive Data)
— input*.
These input pins receive serial data and
transfer the data to the SSI0-1 Receive
Shift Register. SRD0 and SRD1 may be
programmed as a general purpose I/O
pin called PC1 and PC6, respectively,
when the SRD function is not being
used.
SCK0-1 (SSI0-1 Serial Clock)
— bidirection-
al.
These bidirectional pins provide the
serial bit rate clock for the SSI0-1 inter-
face. SCK0 and SCK1 may be pro-
grammed as a general purpose I/O pin
called PC2 and PC7, respectively,
when the SSI0-1 interfaces are not be-
ing used.
SC10-11 (SSI0-1 Serial Control 1)
— bidirec-
tional.
These bidirectional pins are
used by the SSI0-1 serial interface as
frame sync I/O or flag I/O. SC10 and
SC11 may be programmed as a general
purpose I/O pin called PC3 and PC8,
respectively, when the SSI0-1 are not
using these pins.
SC00-01 (SSI0-1 Serial Control 0)
— bidirec-
tional.
These bidirectional pins are
used by the SSI0-1 serial interface as
frame sync I/O or flag I/O. SC00 and
SC01 may be programmed as a general
purpose I/O pin called PC4 and PC9,
respectively, when the SSI0-1 are not
using these pins.
16-bit Timer
SSI
* These pins can be bidirectional when programmed as general purpose I/O.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com