Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 8 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 8 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 4Page - Motorola, Inc DSP56156ROM Datasheet HTML 5Page - Motorola, Inc DSP56156ROM Datasheet HTML 6Page - Motorola, Inc DSP56156ROM Datasheet HTML 7Page - Motorola, Inc DSP56156ROM Datasheet HTML 8Page - Motorola, Inc DSP56156ROM Datasheet HTML 9Page - Motorola, Inc DSP56156ROM Datasheet HTML 10Page - Motorola, Inc DSP56156ROM Datasheet HTML 11Page - Motorola, Inc DSP56156ROM Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
8
DSP56156 Data Sheet
MOTOROLA
Pin Descriptions
TA (Transfer Acknowledge) — active
low input.
If there is no external bus ac-
tivity, the TA input is ignored by the
DSP. When there is external bus cycle
activity, TA can be used to insert wait
states in the external bus cycle. TA is
sampled on the leading edge of the
clock. Any number of wait states from 1
to infinity may be inserted by using TA.
If TA is sampled high on the leading
edge of the clock beginning the bus cy-
cle, the bus cycle will end 2T after the
TA has been sampled low on a leading
edge of the clock; if the Bus Control Reg-
ister (BCR) value does not program
more wait states. The number of wait
states is determined by the TA input or
by the Bus Control Register (BCR),
whichever is longer. TA is still sampled
during the leading edge of the clock
when wait states are controlled by the
BCR value. In that case, TA will have to
be sampled low during the leading edge
of the last period of the bus cycle pro-
grammed by the BCR (2T before the end
of the bus cycle programmed by the
BCR) in order not to add any wait states.
TA should always be deasserted during
t3 to be sampled high by the leading
edge of T0. If TA is sampled low (assert-
ed) at the leading edge of the t0 begin-
ning the bus cycle, and if no wait states
are specified in the BCR register, zero
wait states will be inserted in the exter-
nal bus cycle, regardless the status of
TA during the leading edge of T2.
BR (Bus Request) — active low output
when in master mode, active low in-
put when in slave mode.
After power-
on reset, this pin is an input (slave
mode). In this mode, the bus request
BR allows another device such as a pro-
cessor or DMA controller to become
the master of the DSP external data
bus D0-D15 and external address bus
A0-A15. The DSP asserts BG a few T
states after the BR input is asserted.
The DSP bus controller releases control
of the external data bus D0-D15, ad-
dress bus A0-A15 and bus control pins
PS/DS, RD, WR, and R/W at the earli-
est time possible consistent with prop-
er synchronization. These pins are then
placed in the high impedance state and
Bus Control
T0 T1 T2 T3 T0 T1 T2 Tw T2 T3 T0 T1 T2 T3 T0 T1 T2 Tw T2 Tw T2 T3
T0 T1 T2 Tw T2 Tw T2 Tw T2 T3 T0 T1 T2 Tw T2 Tw T2 T3 T0 T1 T2
CLKO
TA
BS
CLKO
TA
BS
Figure 3 TA Controlled Accesses
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com