Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56156ROM Datasheet(PDF) 69 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 69 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 65Page - Motorola, Inc DSP56156ROM Datasheet HTML 66Page - Motorola, Inc DSP56156ROM Datasheet HTML 67Page - Motorola, Inc DSP56156ROM Datasheet HTML 68Page - Motorola, Inc DSP56156ROM Datasheet HTML 69Page - Motorola, Inc DSP56156ROM Datasheet HTML 70Page - Motorola, Inc DSP56156ROM Datasheet HTML 71Page - Motorola, Inc DSP56156ROM Datasheet HTML 72Page - Motorola, Inc DSP56156ROM Datasheet HTML 73Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
Design Considerations
64
DSP56156 Data Sheet
MOTOROLA
DSP Programming
Considerations
1. Synchronization of Status Bits
from Host to DSP
DMA, HF1, HF0, and HCP, HTDE,
and HRDF status bits are set or
cleared by the host processor side of
the interface. These bits are individ-
ually synchronized to the DSP clock.
(Refer to the DSP56156 User’s Manual,
I/O Interface section, Host/DMA In-
terface Programming Model for de-
scriptions of these status bits.)
2. Reading HF0 and HF1 as an
Encoded Pair
Care must be exercised when reading
status bits HF0 and HF1 as an encod-
ed pair, i.e., the four combinations 00,
01, 10, and 11 each have significance.
A very small probability exists that
the DSP will read the status bits syn-
chronized during transition. There-
fore, HF0 and HF1 should be read
twice and checked for consensus.
Bus Operation
Figure 43 depicts the operation of the external memory interface with multiple wait states.
Figure 43 Read and Write Bus Operation (3 Wait States)
T0
T1
T2 Tw T2
Tw
T2 Tw
T2
T3
T0
T1
T2
Tw
T2
Tw
T2 Tw
T2
T3
T0
T1
T
Data out
CLKO
BS
A0-A15
PS/DS
R/W
WR
RD
D0-D15
Data in
DSP Programming Considerations
Bus Operation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com