Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 105Page - STMicroelectronics ST7DALIF2 Datasheet HTML 106Page - STMicroelectronics ST7DALIF2 Datasheet HTML 107Page - STMicroelectronics ST7DALIF2 Datasheet HTML 108Page - STMicroelectronics ST7DALIF2 Datasheet HTML 109Page - STMicroelectronics ST7DALIF2 Datasheet HTML 110Page - STMicroelectronics ST7DALIF2 Datasheet HTML 111Page - STMicroelectronics ST7DALIF2 Datasheet HTML 112Page - STMicroelectronics ST7DALIF2 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 171 page
background image
ST7DALIF2
Serial peripheral interface (SPI)
109/171
17.6
Interrupts
Note:
The SPI interrupt events are connected to the same interrupt vector (see Interrupts chapter).
They generate an interrupt if the corresponding Enable Control Bit is set and the interrupt
mask in the CC register is reset (RIM instruction).
17.7
Register description
17.7.1
Control register (SPICR)
Read/Write
Reset Value: 0000 xxxx (0xh)
Bit 7 = SPIE Serial Peripheral Interrupt Enable.
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An SPI interrupt is generated whenever an End of Transfer event, Master Mode Fault or
Overrun error occurs (SPIF=1, MODF=1 or OVR=1 in the SPICSR register)
Bit 6 = SPE Serial Peripheral Output Enable.
This bit is set and cleared by software. It is also cleared by hardware when, in master mode,
SS=0 (see Master mode fault (MODF) on page 105). The SPE bit is cleared by reset, so the
SPI peripheral is not initially connected to the external pins.
0: I/O pins free for general purpose I/O
1: SPI I/O pin alternate functions enabled
Bit 5 = SPR2 Divider Enable.
This bit is set and cleared by software and is cleared by reset. It is used with the SPR[1:0]
bits to set the baud rate. Refer to Table 48: SPI master mode SCK frequency.
0: Divider by 2 enabled
1: Divider by 2 disabled
Note:
This bit has no effect in slave mode.
Table 47.
Interrupt control bits
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
SPI End of Transfer Event
SPIF
SPIE
Yes
Yes
Master Mode Fault Event
MODF
Yes
No
Overrun Error
OVR
Yes
No
7
0
SPIE
SPE
SPR2
MSTR
CPOL
CPHA
SPR1
SPR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com